Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1635 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1635
Description  Standard software driver for C90FL2 Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1635 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1635 Datasheet HTML 29Page - STMicroelectronics UM1635 Datasheet HTML 30Page - STMicroelectronics UM1635 Datasheet HTML 31Page - STMicroelectronics UM1635 Datasheet HTML 32Page - STMicroelectronics UM1635 Datasheet HTML 33Page - STMicroelectronics UM1635 Datasheet HTML 34Page - STMicroelectronics UM1635 Datasheet HTML 35Page - STMicroelectronics UM1635 Datasheet HTML 36Page - STMicroelectronics UM1635 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
DocID024604 Rev 2
33/42
UM1635
API specification
Return values
Troubleshooting
The trouble shooting given here comprises of hardware errors and input parameter error.
Comments
Depending on the errBits value, a single or double bit faults are simulated. When a Flash
read is done, if the simulated error has not occurred, then the API returns the error code
C90FL_ERROR_ECC_LOGIC.
Assumptions
It assumes that the Flash block is initialized using the ‘FlashInit()’ API.
2.7.3
FactoryMarginReadCheck()
Description
This function checks the Factory Margin reads of the Flash. The user specified margin level
is used for reads and the operation is done on the specified blocks. The MISR values
calculated by the hardware is compared to the values passed by the user, if they are not the
same, then an error code is returned.
errBits
Is a 64-bit mask of the bits at which the
user intends to inject error.
Any 64-bit value, except zero.
eccValue
It’s a 32 bit value which has to be passed
by user. This is calculated by using an
offline ECC Calculator.
This is a corresponding ECC value for the data
value passed by the user.
Note: Same data words should be used in offline
ECC calculator and Flash ECC logic check API.
Table 51. Arguments for FlashECCLogicCheck() (continued)
Argument
Description
Range
Table 52. Return values for FlashECCLogicCheck()
Type
Description
Possible values
UINT32
Successful completion or error value.
C90FL_OK
C90FL_ERROR_ECC_LOGIC
Table 53. Troubleshooting for FlashECCLogicCheck()
Returned error bits
Possible causes
Solution
C90FL_ERROR_ECC_LOGIC
The ECC value calculated by the user is
incorrect.
Re-calculate the ECC values using
the correct Data.
Hardware is failure
Hardware Error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com