Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2317 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2317 Datasheet HTML 5Page - STMicroelectronics AN2317 Datasheet HTML 6Page - STMicroelectronics AN2317 Datasheet HTML 7Page - STMicroelectronics AN2317 Datasheet HTML 8Page - STMicroelectronics AN2317 Datasheet HTML 9Page - STMicroelectronics AN2317 Datasheet HTML 10Page - STMicroelectronics AN2317 Datasheet HTML 11Page - STMicroelectronics AN2317 Datasheet HTML 12Page - STMicroelectronics AN2317 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
AN2317 - Application
External Circuit Design
9/27
1.1.2
Secondary current sensing
The secondary channel uses shunt resistor structure (see
Figure 4). The 420µW shunt
resistor is used to maximize the use of the dynamic range of the current sensing circuit.
However, there are some important considerations when selecting a shunt structure for
energy metering applications.
●
The power dissipation in the shunt must be minimized.
The maximum rated current for this design element is 20A, so the maximum power
dissipated in the shunt is calculated as follows:
●
The higher power dissipation may make it difficult to manage the thermal issues.
Although the shunt is manufactured from manganin material, which is an alloy with a
low thermal resistance, an apparent error may occur when it reaches a high
temperature.
●
The shunt should be able to resist the shortage of the phase circuit.
This reduces the shunt resistance is much as possible.
The design values used are:
–
Mains voltage = 220VRMS,
–
Ib = 2A, and
–
Shunt resistance = 420µ
Ω.
The remaining design elements calculated from these values are as follows:
–
Voltage across shunt:
–
Mains power dissipation:
–
Error:
20A
()
2
420
μΩ 168mW
=
×
2A
420
μΩ 0.00084V
=
×
220V
2A
0.44kW
=
×
1.68
10
3
–
×
0.44
10
3
–
×
100percent
0.0004percent
=
×
⁄



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com