Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2317 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2317 Datasheet HTML 1Page - STMicroelectronics AN2317 Datasheet HTML 2Page - STMicroelectronics AN2317 Datasheet HTML 3Page - STMicroelectronics AN2317 Datasheet HTML 4Page - STMicroelectronics AN2317 Datasheet HTML 5Page - STMicroelectronics AN2317 Datasheet HTML 6Page - STMicroelectronics AN2317 Datasheet HTML 7Page - STMicroelectronics AN2317 Datasheet HTML 8Page - STMicroelectronics AN2317 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AN2317 - Application
External Circuit Design
5/27
Figure 1.
STPM01 External Circuit Schematics
10
9
7
8
6
5
4
2
1
20
9
7
5
3
1
11
12
13
14
16
17
15
3
18
19
10
8
6
4
2
IIP2
IIN2
VIP
VIN
CLKIN
CLKOUT
SYN
SCS
SCL
SDA
IIN1
IIP1
VOIP
VDDA
VCC
VSS
VDD
MOP
MON
LED
12
12 12
12
12
2
1
2
1
2
1
12
41
2
1
1
2
1
1
2
1
2
1
2
1
2
2
1
2
1
2
1
21
2
1
1
1
2
1
2
1
2
1
2
1
1
312
3
1
2
22
1
1
21
21
21
2
2
221
2
1
112
VDD
VDD
PI
G08 10-2V
R1
1.0k
R13
2M
R2
TR1
1.0k
U1
STPM01E
D11
DIF60
D2
1N4148
D3
1N4148
D4
1N4148
D5
1N4148
VDDA
VDD
SBG
SDA
SCL
SCS
SYN
VDDA
R23
47K
R15
1M
Y1
4194.304kHz
Q4
BC8578
W5
VODNIK
W6
VODNIK
1
2
C11
4.7my
C20
220N
C1
470N
1
2
C10
10N
12
R14
2M
1
1
W3
VODNIK
F
N
W4
VODNIK
L6
L3
220MYH
220MYH
1
1
W1
VODNIK
W2
VODNIK
12 12
12
41
2
1
R4
1.0k
R3
TR2
1.0k
12
1
1
2
1
2
1
21
2
1
2
1
2
21
2
1
2
12
12
R8
261K
R24
82R
12
R9
261K
12
R10
261K
12
R7
475R
12
R11
150K
12
R12
2.21k
AI12296
CAPACITIVE POWER SUPPLY
VOLTAGE SENSING
ANTI-ALIASING FILTER
CRYSTAL OR RTC
OSCILLATOR
CURRENT SENSING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com