Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2512 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2512
Description  This application note describes how to design
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2512 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2512 Datasheet HTML 5Page - STMicroelectronics AN2512 Datasheet HTML 6Page - STMicroelectronics AN2512 Datasheet HTML 7Page - STMicroelectronics AN2512 Datasheet HTML 8Page - STMicroelectronics AN2512 Datasheet HTML 9Page - STMicroelectronics AN2512 Datasheet HTML 10Page - STMicroelectronics AN2512 Datasheet HTML 11Page - STMicroelectronics AN2512 Datasheet HTML 12Page - STMicroelectronics AN2512 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
AN2512
Application description
9/38
1.4.1
Current sensing circuit
The STPM01 has two external current sensing circuits, primary and secondary current
channels.
Normally, the second current circuit is used in single-phase meter implementation when the
anti-tamper feature is required. In this way it is possible to read also the current flowing into
the neutral wire to have a comparison with the current flowing into the line wire and detect
possible tampers.
In this application only the primary channel has been used. As a consequence, the
configuration of STPM01 is:
●
PST= 2 if a current transformer is used (this is the case of this meter);
●
PST= 0 (or 1) if a Rogowski coil is used
in the latter case ADDG bit can be used to have a further gain of x8.
The current channel uses a current transformer to sense mains current. The burden resistor
is used to produce a voltage between VIN1 and VIP1 proportional to the current measured.
1.4.2
Anti-aliasing filter
The anti-aliasing filter is a low-pass filter. It has a negligible influence on the voltage drop
between IIN1 and IIP1. Its aim is to reduce the distortion caused by the sampling, also
called aliasing, by removing the out-of-band frequencies of the input signal before sampling
it with the analog-to-digital converter.
Filtering is easily implemented with a resistor-capacitor (RC) single-pole circuit which
obtains an attenuation of -20dB/dec.
1.4.3
Voltage sensing circuit
A resistor divider is used as voltage sensor.
The 740 k
Ω resistor is separated into three, 2x270 kΩ and 1x200 kΩ, in-series resistors,
which ensure that a high voltage transient does not bypass the resistor. This also reduces
the potential across the resistors, thereby decreasing the possibility of arcing. The following
resistors are used to implement resistor divider:
●
R=R14+R15+R16=740 K
Ω,
●
R5=470
Ω.
Capacitor C11 and resistance (R19+ R15) create a filter which prevents Electromagnetic
Interference (EMI).
1.4.4
Crosstalk cancellation network
The voltage front-end handles voltages of considerable amplitude, which makes it a
potential source of noise. Disturbances are readily emitted into current measurement
circuitry where they interfere with the actual signal to be measured. Typically, this produces
a non-linear error at small signal amplitudes and non-unity power factors. At unity power
factor, voltage and current signals are in phase and crosstalk between voltage and current
channels merely appears as a gain error, which can be calibrated. When voltage and
current are not in phase, crosstalk has a non-linear effect on the measurements, which
cannot be calibrated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com