Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2512 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2512
Description  This application note describes how to design
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2512 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2512 Datasheet HTML 1Page - STMicroelectronics AN2512 Datasheet HTML 2Page - STMicroelectronics AN2512 Datasheet HTML 3Page - STMicroelectronics AN2512 Datasheet HTML 4Page - STMicroelectronics AN2512 Datasheet HTML 5Page - STMicroelectronics AN2512 Datasheet HTML 6Page - STMicroelectronics AN2512 Datasheet HTML 7Page - STMicroelectronics AN2512 Datasheet HTML 8Page - STMicroelectronics AN2512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
AN2512
Application description
5/38
Figure 1.
Top layer circuit schematic
1.3
Power supply circuit
A 3-phase 4-wire bridge is used for mains rectification because the neutral rectification is
needed to ensure proper operation in case of missing neutral connection or neutral miss-
wiring.
A varistor is connected between each line and neutral to guarantee pulse voltage test
immunity according to the EN62052-11 standard.
The input EMI filter is a simple, undamped LC-filter for both differential and common mode
noise suppression.
The circuit for input voltage limiting is connected between the input EMI filter and the bulk
capacitor C4. Such a circuitry includes a Power MOSFET and a self driven control section.
The MOSFET Q1 is a standard N-Channel 500 V 3.3
Ω in D-PAK package, mounted on a
small copper area to improve thermal performance. The self driven control section consists
of a voltage divider and zener diodes. The resistors R1, R2 and R3 ensure the gate-source
charge for the switch, while the zener diodes D3 and D4 set the maximum voltage value
(360 V) across the bulk capacitor.
An NTC limits the inrush current and ensures Q1 operation inside its safe operating area.
The Flyback converter is based on VIPer12A, a product in the VIPerX2A family, which
combines a dedicated current mode off-line PWM controller with a high voltage power
MOSFET on the same silicon chip. The switching frequency is fixed at 60 kHz by the IC
internal oscillator in order to optimize the transformer size and cost. The transformer
reflected voltage has been set to 60 V, providing enough margin for the leakage inductance
voltage spike and no snubber circuit is needed which allows consequent cost savings.
As soon as the voltage is applied on the input of the converter, the high voltage start-up
current source connected to the drain pin is activated and starts to charge the Vdd capacitor
C8 through a constant current of 1 mA. When the voltage across this capacitor reaches the
Vddon threshold (about 14 V), the VIPer12A starts to switch. During normal operation the
PHASE_2
PHASE
SDA
SCS
SCL
SYN
N
P
GND
VDD
LED
VOTP
CLKIN
CLKOUT
SMPS
SMPS
P1
P2
N
P3
5V
GND
3.3V
PHASE_3
PHASE
SDA
SCS
SCL
SYN
N
P
GND
VDD
LED
VOTP
CLKIN
CLKOUT
PHASE_1
PHASE
SDA
SCS
SCL
SYN
N
P
GND
VDD
LED
VOTP
CLKIN
CLKOUT
VDD
VDD
VDD
5V
VDD
5V
VDD
VDD
P3
VOTPL1
SCSL1
SCSL1
P1
P1
N
N
VOTPL3
LEDL3
SCSL3
LEDL3
P3
SCSL3
LEDL1
LEDL1
N
SDA
SCL
SDA
N
SCL
CLKIN
SYN
LEDL2
SYN
SCL
SYN
SYN
P2
VOTPL2
LEDL2
P2
SCSL2
SDA
SDA
SCL
SCSL2
SCSL1
SCSL2
SCSL3
VOTPL1
VOTPL2
VOTPL3
SCS
VOTP
SDA
SCL
SYN
J13
SCSJUMPER
1
2
3
4
5
6
J1
1
2
3
4
5
6
7
8
9
10
J14
JUMPER3
1
2
3
4
5
6
U8B
74HC14A/SO
J7
1
J11
1
J8
1
C2
15pF
C1
15pF
J2
CON20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
J12
1
Y1
4.194304MHz
R1
1M
J9
1
J5
1
J10
1
U8A
74HC14A/SO
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com