Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3157 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3157
Description  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3157 Datasheet HTML 5Page - STMicroelectronics AN3157 Datasheet HTML 6Page - STMicroelectronics AN3157 Datasheet HTML 7Page - STMicroelectronics AN3157 Datasheet HTML 8Page - STMicroelectronics AN3157 Datasheet HTML 9Page - STMicroelectronics AN3157 Datasheet HTML 10Page - STMicroelectronics AN3157 Datasheet HTML 11Page - STMicroelectronics AN3157 Datasheet HTML 12Page - STMicroelectronics AN3157 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AN3157
Circuit description
Doc ID 17105 Rev 1
9/26
When configured in peripheral operating mode, the SPI port is enabled and some
microcontroller-based applications can either read internal data records or write the mode
and configuration signals by means of a dedicated protocol, or reset the device.
By default, the STPMC1 is configured in peripheral mode (configuration bits APL=0).
This also implies the following output settings:
●
watchdog reset signal on the MON pin
●
zero-crossing (ZCR) on the MOP pin
●
programmable energy pulsed output on the LED pin
For further information on STPMC1 programmable bit settings please refer to the device
datasheet.
The P1 connector is also used during the evaluation phase to connect the measurement
module to a PC through the STPMxx parallel programmer/reader hardware interface.
This allows the user to set the internal STPMC1 registers temporarily and/or permanently,
using a dedicated GUI.
The VOTP pin on the P1 connector is used when a host wants to permanently write some
configuration bits in the STPMC1 device. In this case, a +15 V power level must be present
on the VOTP. This level must be delivered from the host itself because the module does not
have an on-board charge pump.
Table 4.
P1 connector pin description
Pin
Pin name
Functional description
1
VOTP
Power supply input of +15.0 V during permanent write to OTP cells
2
---
Not connected
3
GND
Signal reference level 0 V and power supply return
4
SDA-TD
SPI interface data
5
SCS
SPI interface enable
6
SCL-NLC
SPI interface clock
7
---
Not connected
8
SYN-NP
SPI interface signal
9
---
Not connected
10
VCC
Power out of +3.3 or 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com