Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3157 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3157
Description  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3157 Datasheet HTML 1Page - STMicroelectronics AN3157 Datasheet HTML 2Page - STMicroelectronics AN3157 Datasheet HTML 3Page - STMicroelectronics AN3157 Datasheet HTML 4Page - STMicroelectronics AN3157 Datasheet HTML 5Page - STMicroelectronics AN3157 Datasheet HTML 6Page - STMicroelectronics AN3157 Datasheet HTML 7Page - STMicroelectronics AN3157 Datasheet HTML 8Page - STMicroelectronics AN3157 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Application description
AN3157
4/26
Doc ID 17105 Rev 1
1
Application description
The purpose of this STEVAL-IPE010V1 demonstration kit is to provide an evaluation
platform for the STPMC1 and STPMS1 devices, but it can also be used as a starting point to
design a Class 1 meter for 2 to 4-wire power line systems using delta or wye service.
Each phase is monitored by an independent daughterboard, in which an autonomous power
supply is provided to the board itself and, once it is connected, also to the motherboard.
In this board, the STPMS1 device senses the phase current through a CT or a shunt sensor,
and the phase voltage through a voltage divider. The presence of dedicated networks
reduces greatly the sampling (aliasing) noise and the crosstalk noise between voltage and
current channels, increasing meter precision. The STPMS1 produces a sigma-delta stream,
sent together with the supply voltage, to the STPMC1 through a card edge connector.
The motherboard receives the sigma-delta streams from the daughterboards which are
further elaborated by the STPMC1. This device, from a 4.194 MHz crystal oscillator,
provides a common clock with programmable frequency to all the daughterboards.
The motherboard, through a 10-pin flat cable connector (P1 in Figure 2) can be interfaced to
a microprocessor board to implement advanced metering features (multi-tariff, data
management and storage, communication, etc). It also has stepper motor connectors for a
simple energy meter implementation (W2, W5 in Figure 2).
The STPMC1 board can also be connected to a dedicated GUI (graphical user interface)
through the STPMxx parallel programmer/reader released with the application.
1.1
Operating conditions
Table 1.
Operating conditions
Condition
Value
Unit
VNOM
230
VRMS
INOM
CT: INOM = 1
Sh: INOM = 5
ARMS
IMAX
CT: IMAX = 30
Sh: IMAX = 80
ARMS
fLIN
50 / 60 ± 10%
Hz
TOP
- 40 / + 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com