Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3385 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3385
Description  This application note describes the STEVAL-CCA027V1 demonstration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3385 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3385 Datasheet HTML 3Page - STMicroelectronics AN3385 Datasheet HTML 4Page - STMicroelectronics AN3385 Datasheet HTML 5Page - STMicroelectronics AN3385 Datasheet HTML 6Page - STMicroelectronics AN3385 Datasheet HTML 7Page - STMicroelectronics AN3385 Datasheet HTML 8Page - STMicroelectronics AN3385 Datasheet HTML 9Page - STMicroelectronics AN3385 Datasheet HTML 10Page - STMicroelectronics AN3385 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AN3385
Board schematic and bill of material
Doc ID 018702 Rev 1
7/15
Table 4.
Bill of material
Reference
Type
Footprint
Description
Qty
Manufacturer
C21, C27
CCAP
CAP0603
330 pF 50 V NPO
±5%
2
Murata
C3, C4, C13, C14
CCAP
CAP0603
1 nF 50 V
±10%
4
Murata
C5, C6, C8, C9, C10,
C18, C19, C22, C24,
C25, C28
CCAP
CAP0603
100 nF 50 V
±10%
11
Murata
C1, C2, C11, C12
CCAP
CAP0603
470 nF 50 V
±10%
4
Murata
C7, C15, C29
CCAP
CAP0603
2.2 µF, 16 V,
±10%
3
Murata
C16, C17
CCAP
CAP0603
1 µF, 16 V,
±10%
2
Murata
C23
ECAP
D < 12.0 mm
1000 µF, 35 V,
±10% , pitch = 5.0 mm
1
Rubycon
C20, C26
CAP
Mylar
220 nF, pitch = 5 mm
2
Murata
R5, R6, R7
RES
R0603
22 ohm,
±10%, 1/16W
3
Murata
R8
RES
R0603
2.2k ohm,
±10%, 1/16W
1
Murata
R13
RES
R0603
9.1k ohm,
±10%, 1/16W
1
Murata
R2, R4
RES
R0603
33k ohm,
±10%, 1/16W
2
Murata
R3
RES
R0603
39k ohm,
±10%, 1/16W
1
Murata
R1
RES
R0603
100k ohm,
±10%, 1/16W
1
Murata
IC1
IC
TDA7492
TDA7492 (SSO36) slug up
1
ST
L1, L2, L3, L4
Coil
Inductor
33 µH, type: 7075P-330M
4
Kwangsung
J1
Connector
RCA-2P
RCA socket 2P x 2, type: AV2-8.4-12
1
Songcheng
IC2
Regulator
TO92
L4931CZ33, 3V3 regulator
1
ST
PCB
90 x 70 mm
TDA7492-UP PCB
1
ST
J2, J3, J4
Terminal
CNN-Terminal 2P, pitch = 5 mm connector terminal
3
Any source
J5, J6, J8, J9
Jumper
2-way jumper 2P, pitch = 2.5 mm jumper
4
Any source
S1, S2
Switch
Slide
3P, pitch = 2.5 mm
2
Any source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com