Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3385 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3385
Description  This application note describes the STEVAL-CCA027V1 demonstration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3385 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3385 Datasheet HTML 1Page - STMicroelectronics AN3385 Datasheet HTML 2Page - STMicroelectronics AN3385 Datasheet HTML 3Page - STMicroelectronics AN3385 Datasheet HTML 4Page - STMicroelectronics AN3385 Datasheet HTML 5Page - STMicroelectronics AN3385 Datasheet HTML 6Page - STMicroelectronics AN3385 Datasheet HTML 7Page - STMicroelectronics AN3385 Datasheet HTML 8Page - STMicroelectronics AN3385 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AN3385
Operation
Doc ID 018702 Rev 1
3/15
1
Operation
The TDA7492 demonstration board specifications are as follows:
●
Power supply voltage range: 8 V to 26 V
●
Number of channels: 2 BTL (Bridge-Tied Load) stereo
●
Load impedance: 6
Ω to 8 Ω
●
Gain settings: 21.6 dB, 27.6 dB, 31.1 dB, 33.6 dB
●
Undervoltage protection (UVP): 8 V
●
Overvoltage protection (OVP): 30 V
1.1
Power supply
A single power supply is required to feed the TDA7492 demonstration board via the
connector J2 (see layout components in Figure 2).
Connect positive voltage of 25 V/ 5 A DC power supply to +VCC pin and negative to GND.
Note:
Voltage range 8 V to 26 V = 5 A current capability
1.2
Demonstration board preparation
1.
Ensure that the power supply is switched OFF.
2.
Connect the regulated power supply adjusted in the device operating range to the
connector J2 (observe the polarity).
1.3
Inputs and outputs
1.
Connect the loads across the connectors J3 (LEFT) and J4 (RIGHT), the specified
impedance ranges from 6
Ω to 8 Ω.
2.
Connect the analog audio inputs, either differential or single-ended, to the L-Input and
R-Input RCA plugs (J1).
Refer to Figure 2: Demonstration board connections on page 4.
Table 1.
Audio inputs
Input configuration
Jumper J8 (right)
Junper J9 (left)
Differential
Open
Open
Single-ended
Closed
Closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com