Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3398 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3398
Description  Fast digital calibration procedure
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3398 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3398 Datasheet HTML 3Page - STMicroelectronics AN3398 Datasheet HTML 4Page - STMicroelectronics AN3398 Datasheet HTML 5Page - STMicroelectronics AN3398 Datasheet HTML 6Page - STMicroelectronics AN3398 Datasheet HTML 7Page - STMicroelectronics AN3398 Datasheet HTML 8Page - STMicroelectronics AN3398 Datasheet HTML 9Page - STMicroelectronics AN3398 Datasheet HTML 10Page - STMicroelectronics AN3398 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN3398
Calibration flow chart
Doc ID 018812 Rev 1
9/11
R1 = R2 * (Vn - VDIV) / VDIV [Ohm]
1.1.4
Online procedure
According to the used current sensor and the chosen algorithm, a component (resistor or
current sensor) of the value calculated through the formulas above must be mounted on the
board.
To start the online calibration procedure, the following must be verified:
●
EM is connected to the calibration system and is properly configured according to the
chosen application
●
EM calibrator parameters are preset to initial data
●
Target values of line signals are stable.
A 3-phase voltage signal must be provided to all phases and current signal only to the phase
under calibration.
When the system is connected and powered on, a certain number of readings of the RMS
values must be performed.
Due to the fact that 0.4% of ripple is present in the measured RMS values, more than ten
readings of these values should be gathered each cycle (20 ms at 50 Hz) and the average
values of RMS current and voltage readings AvI and AvV should be computed.
Consequently, having the average values AvI and AvV, a pair of final 8-bit (or 10-bit if PM =
1) calibration data can be calculated as shown below:
Equation 27
Ci,v = 896 * XI,V / AvI, V - 768; (PM = 0)
Equation 28
Ci,v = 8192 * XI,V / AvI, V - 7168; (PM = 1)
where XV and XI are those calculated in one of the four previous cases.
1.1.5
Coherency check
We can assume that the EM works correctly and that built-in voltage and current sensors
allow the target power sensitivity constant to be achieved, because the correction
parameters Ki and Kv can tune measured values within the calibration range of ±12.5% or
±6.25% if PM =1 per voltage or current channel.
If, after the calibration, calculated values for Cv or Ci are out of their 8 or 10-bit range, it may
mean that the application cannot reach the target value of power sensitivity. In this case,
steps 3 and 4 must be repeated choosing a smaller power sensitivity value. If the values of
Cv or Ci are out of range even for small values of PM, it may mean that the energy meter
board is not good enough to perform such measurements, possibly because the tolerance
of the components is too big, or no care has been taken in the layout phase, so the
application must be re-designed.
Otherwise, if the final calibrator data is written into STPMC1, the average RMS readings are
very close to target values XI and XV and the frequency of the LED output are very close to
the target value f.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com