Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3398 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3398
Description  Fast digital calibration procedure
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3398 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3398 Datasheet HTML 1Page - STMicroelectronics AN3398 Datasheet HTML 2Page - STMicroelectronics AN3398 Datasheet HTML 3Page - STMicroelectronics AN3398 Datasheet HTML 4Page - STMicroelectronics AN3398 Datasheet HTML 5Page - STMicroelectronics AN3398 Datasheet HTML 6Page - STMicroelectronics AN3398 Datasheet HTML 7Page - STMicroelectronics AN3398 Datasheet HTML 8Page - STMicroelectronics AN3398 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AN3398
Calibration flow chart
Doc ID 018812 Rev 1
5/11
Only analog parameters are objects of calibration because they introduce a certain error.
Voltage ADC amplification Av is constant, while Ai is chosen according to the used sensors.
The calibration procedure has, as a final result, correction parameters called KVR, KVS, KVT
and KIR, KIS, KIT and KIN (if used) which, applied to STPMC1 voltage and current
measurements, compensate small tolerances of analog components that affect energy
calculations.
As KVR, KVS, KVT and KIR, KIS, KIT and KIN calibration parameters are the decimal
representation of the corresponding configuration bytes CVR, CVS, CVT and CIR, CIS, CIT,
CIN, the values of those bits are obtained at the end of calibration.
In the following procedure CVR, CVS, and CVT are indicated as Cv; CIR, CIS, CIT, and CIN
are indicated as Ci; KVR, KVS, and KVT are indicated as Kv, and KIR, KIS, KIT, and KIN are
indicated as Ki.
Through hardwired formulas, Kv and Ki tune measured values varying from 0.75 to 1 in 256
steps, according to the value of Cv and Ci (from 0 to 255).
If PM=1, two bits are appended to each Cv and Ci (see the STPMC1 datasheet for details),
and the corresponding tunings vary from 0.875 to 1 in 1024 steps.
To initially obtain the greatest correction dynamic, calibrators are set in the middle of the
range, therefore obtaining a calibration range of ± 12.5% (± 6.25% when PM is set) per
voltage or current channel:
In this way it is possible to tune Kv and Ki having a precise measurement: for example, with
PM=0, Cv=0 generates a correction factor of -12.5% (Kv=0.75) and Cv=255 determines a
correction factor of +12.5% (Kv=1), and so on.
According to the information above, the following formulas, which relate Kv,i and Cv,i to each
other are obtained:
Equation 1
Kv,i = (Cv,i/128) * 0.125 + 0.75
Equation 2
Cv,i = 1024 * Kv,i - 768
or when PM = 1
Equation 3
Kv,i = (Cv,i/512) * 0.0625 + 0.875
Equation 4
Table 3.
Calibrator value according to PM
PM
Calibrator value
0
Kv = Ki = 0.875
Ci = Cv = 128
1
Kv = Ki = 0.9375
Ci = Cv = 512



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com