Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4173 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4173
Description  The aim of this document is to clarify the usage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4173 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4173 Datasheet HTML 5Page - STMicroelectronics AN4173 Datasheet HTML 6Page - STMicroelectronics AN4173 Datasheet HTML 7Page - STMicroelectronics AN4173 Datasheet HTML 8Page - STMicroelectronics AN4173 Datasheet HTML 9Page - STMicroelectronics AN4173 Datasheet HTML 10Page - STMicroelectronics AN4173 Datasheet HTML 11Page - STMicroelectronics AN4173 Datasheet HTML 12Page - STMicroelectronics AN4173 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AN4173
ADC 10-bit timing configuration parameters
Doc ID 023727 Rev 3
9/22
The total evaluation phase duration is given by:
Equation 6
where INPCMP
≥ 1 and INPLATCH < INPCMP
The total conversion duration of ADC is given by:
Equation 7
where TCK depends on the peripheral set 3 clock divider.
ADC Clock Frequency:
In SPC560Cxx, SPC560Dxx and SPC560Bxx devices (256 KB, 512 KB and 1.5 MB) there
is a bit in the ADC MCR register that allows to select if the ADC clock frequency is half or
equal to the Peripheral Set Clock frequency. The bitfield is the ADCLKSEL.
In SPC564Bxx e SPC56ECxx devices the ADC clock frequency is always set as half of the
Peripheral Set Clock.
2.2
SPC56xBxx and SPC56xCxx family ADC 10-bit timing
properties
The integration of the ADC 10-bit module in the SPC56xBxx and SPC56xCxx products
leads to some further constraints to guarantee the performance indicated in the
datasheet/electrical characteristics. In particular sampling time and conversion times must
respect minimum values, which are:
●
sampling time must be equal or greater than 500 ns.
●
the ADC clock range is between 6 MHz to 32 MHz.
●
evaluation time must be equal or greater than 500 ns.
●
the minimum conversion time reachable is 1.05 us.
Table 1 gives the ADC sampling and conversion timing, at 5V / 3.3 V, for the ADC, using the
suggested parameters:
T
eval
10
T
biteval
×
10
INPCMP
T
CK
×
()
×
==
T
conv
T
sample
T
eval
ndelay
T
CK
×
()
++
()
=
Table 1.
ADC sampling and conversion timing
Clock
(MHz)
TCK
(µs)
INPSAMP
IMPCMP
INPLATCH
ndelay
tSAMPLE
(µs)
tEVAL
(µs)
tCONV
(µs)
tCONV/
TCK
tSAMPLE/
TCK
6
0.167
4
1
0
0.5
0.583
1.667
2.333
14
3.500
7
0.143
4
1
0
0.5
0.500
1.429
2.000
14
3.500
8
0.125
5
1
0
0.5
0.563
1.250
1.875
15
4.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com