Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4173 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4173
Description  The aim of this document is to clarify the usage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4173 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4173 Datasheet HTML 1Page - STMicroelectronics AN4173 Datasheet HTML 2Page - STMicroelectronics AN4173 Datasheet HTML 3Page - STMicroelectronics AN4173 Datasheet HTML 4Page - STMicroelectronics AN4173 Datasheet HTML 5Page - STMicroelectronics AN4173 Datasheet HTML 6Page - STMicroelectronics AN4173 Datasheet HTML 7Page - STMicroelectronics AN4173 Datasheet HTML 8Page - STMicroelectronics AN4173 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AN4173
Considerations on the input impedance of the signal source
Doc ID 023727 Rev 3
5/22
1
Considerations on the input impedance of the signal
source
The impedance relative to the signal source can limit the ADC’s sample rate. Furthermore a
current limiter resistance and an RC filter are often necessary to minimize the current
request and to attenuate the noise present on the input pin. This external network can
generate accuracy problems for the ADC converter and for this reason it is important to
invest time in reaching the right adaptation.
The capacitance CS associated with the internal ADC circuitry, combined with the resistance
to the input signal source RS creates a low-pass filter. This RC time constant can increase
the time needed to stabilize the incoming signal before the ADC can sample it, and if the
input signal has a high frequency, which means that it changes quickly over time, this low-
pass filter can distort the ADC’s acquisition.
Figure 1.
Input equivalent circuit
Moreover, considering a sinusoidal signal as input, if the source has a low impedance, the
RC time constant will not be relevant and the voltage on the capacitance will quickly match
the input voltage.
Furthermore, all the other internal ADC components, such as the pin capacitance CPx, the
sampling, and the channel selection switch impedance, can limit the maximum frequency
applicable to the ADC input.
The internal resistance of the source must allow the capacitance to reach its final value
before the end of sample time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com