Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4227 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4227
Description  Audio hub demonstration kit supporting the MP45DT02
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4227 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4227 Datasheet HTML 5Page - STMicroelectronics AN4227 Datasheet HTML 6Page - STMicroelectronics AN4227 Datasheet HTML 7Page - STMicroelectronics AN4227 Datasheet HTML 8Page - STMicroelectronics AN4227 Datasheet HTML 9Page - STMicroelectronics AN4227 Datasheet HTML 10Page - STMicroelectronics AN4227 Datasheet HTML 11Page - STMicroelectronics AN4227 Datasheet HTML 12Page - STMicroelectronics AN4227 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Appendix A
Schematics
Figure 8. Board schematic (power supply and JTAG connector)
<Power Supply>
C49
100nF
12
L3
INDUCTOR2
BEAD
D5
LED-1
C41
10nF
R38
1k
C39
100nF
+
C40
33uF
12
L1
BEAD
C5
100nF
1
2
R6 22
1
2
R12 22
1
2
R8
1.5K
E
B
C
Q1
E
B
C
Q2
1
2
R22
36k
1
2
R23
10k
1
2
R24
1K
1
2
R25
47k
1
2
R26
180
D1
LED-1
1
2
R27
0R0 NC
12
L4
BEAD
1 I/O1
2 GND
3 I/O2
4
I/O2
5
VBUS
6
I/O1
U8
USBLC6-2
1
VBUS
2
D-
3
D+
4
ID
5
GND
J7
Mini TypeB
U4
LD1117
+
C3
10uF
12
L6
BEAD
VCC_USB
VCC_USB
A_VDD
USBDM
USBDP
VCC_USB
UC_VDD
UC_VDD
USB_DISC
MIC_VDD
3.3V
UC_VDD
<JTAG>
1
2
R2
10K
1
2
R3
10K
1
2
R4
10K
1
2
R15
10K
1
2
3
4
5
6
7
8
9
10
J2
5X2_HEADER
1
2
JP3
JP
UC_VDD
UC_VDD
JTMS
STM32_I2S_BICK
STM32_I2S_LRCK
NRST
JTCK
JRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com