Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4227 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4227
Description  Audio hub demonstration kit supporting the MP45DT02
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4227 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4227 Datasheet HTML 1Page - STMicroelectronics AN4227 Datasheet HTML 2Page - STMicroelectronics AN4227 Datasheet HTML 3Page - STMicroelectronics AN4227 Datasheet HTML 4Page - STMicroelectronics AN4227 Datasheet HTML 5Page - STMicroelectronics AN4227 Datasheet HTML 6Page - STMicroelectronics AN4227 Datasheet HTML 7Page - STMicroelectronics AN4227 Datasheet HTML 8Page - STMicroelectronics AN4227 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID024106 Rev 1
5/13
AN4227
Hardware description
•
Some LEDs have been mounted on the board, thus allowing a real-time check of what
the demonstration board is performing. LEDs D1 and D5 give feedback about the
supply and successful enumeration while the purpose of D2, D3 and D4 is to check the
status of the board. D2 and D3 will alternately blink while the STM32 is in DFU mode
(before the dedicated firmware has been correctly loaded into the flash memory of the
microcontroller). Checking the PC “Device Manager”, the STM device in DFU mode will
appear (see Figure 3 below).
Figure 3. Device manager when STM32 is in DFU mode
The audio hub boards are provided by ST with the firmware already loaded; the DFU
section has been included to allow a firmware update by the user with no need for flash
loader kits and is directly supported by the APWorkbench tool. The status of LEDs D1-D5 is
summarized in the table below.
Table 3. LED status
D1
D2
D3
D4
D5
ON: USB
enumeration
successful
Blinking: DFU mode
Off: Firmware correctly
downloaded
Blinking: DFU mode
Off: Firmware correctly
downloaded
Off: Firmware correctly
downloaded
ON: Board supplied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com