Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4266 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN4266
Description  Safety application guide for SPC56xL70xx family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4266 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN4266 Datasheet HTML 44Page - STMicroelectronics AN4266 Datasheet HTML 45Page - STMicroelectronics AN4266 Datasheet HTML 46Page - STMicroelectronics AN4266 Datasheet HTML 47Page - STMicroelectronics AN4266 Datasheet HTML 48Page - STMicroelectronics AN4266 Datasheet HTML 49Page - STMicroelectronics AN4266 Datasheet HTML 50Page - STMicroelectronics AN4266 Datasheet HTML 51Page - STMicroelectronics AN4266 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
Functional safety requirements for application software
AN4266
48/76
Doc ID 024283 Rev 2
To set a proper threshold the customer must consider that the maximum operating junction
temperature is 150 °C (See the SPC56xL70xx data sheet) and the temperature sensor
accuracy is 10° C.
Note:
Implementation hint: See the SPC56xL70xx Reference Manual for details on TSENS_x
implementation in relation to the ADC.
It is important to note that the ADC is part of the temperature measuring safety integrity
function. Therefore, it is required that the BIST of the ADC be executed once after boot even
if the ADC is not used by the application.
3.17
Software Watchdog Timer (SWT)
Mandatory: These requirements apply to the SWT for ASIL D applications:
●
Both of the following must be true:
–
The SWT is enabled
–
Configuration registers hard locked to avoid unwanted modification
●
The SWT time window settings must be set to a value less than the FTTI. Detection
latency shall be smaller than FTTI.
●
Before the safety function is executed, software must verify that the SWT is enabled by
reading the SWT control register (SWT_CR[WEN] = 1).
Note:
Rationale: To detect a defective program sequence
Mandatory: Control flow monitoring can be implemented by SWT. However, other control
flow monitoring approaches that do not used the SWT may also be used.
SPC56xL70xx provides the hardware support (SWT) to implement both control flow and
temporal monitoring methods. Refer to the SPC56xL70xx Reference Manual for the SWT
functional description.
Note:
Implementation hint: To enable the SWT, and to hard lock the configuration register,
SWT_CR[WEN] and SWT_CR[HLK] must be asserted (= 1).
The timeout register (SWT_TO) must contain a 32-bit value that represents a timeout less
than the FTTI.
If Windowed mode and Keyed Service mode (two pseudorandom key values used to
service the watchdog) are enabled, it is possible to reach a high effective temporal flow
monitoring.
3.18
Redundancy Control Checking Unit (RCCU)
The task of the RCCU unit is to perform a cycle-by-cycle comparison of the outputs of the
modules included in the SoR. The SoR is the logical part of the device that contains all the
modules that are replicated for functional safety reasons.
The RCCU is able to detect any mismatch between the outputs of two replicated modules.
The error information is forwarded to the MC_RGM and FCCU.
For ASIL D applications, use of the RCCU is indispensable. The use of RCCU’s is
automatically managed by the SPC56xL70xx device, users cannot disable the RCCU.
Note:
Rationale: To catch faults in the processing channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com