Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17062CU Datasheet(PDF) 13 Page - NEC

Part # UPD17062CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17062CU Datasheet(HTML) 13 Page - NEC

Back Button UPD17062CU Datasheet HTML 9Page - NEC UPD17062CU Datasheet HTML 10Page - NEC UPD17062CU Datasheet HTML 11Page - NEC UPD17062CU Datasheet HTML 12Page - NEC UPD17062CU Datasheet HTML 13Page - NEC UPD17062CU Datasheet HTML 14Page - NEC UPD17062CU Datasheet HTML 15Page - NEC UPD17062CU Datasheet HTML 16Page - NEC UPD17062CU Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 296 page
background image
13
µPD17062
Pin No.
DIP QFP
(GC)
Symbol
Description
Output type
At power-on reset
INTNC
NC
48
—
55
5
6
7
8
10
12
14
22
25
37
39
40
41
42
44
56
57
Interrupt input. Contains the noise canceler. An
interrupt can be generated at either the rising or
falling edge of the input signal.
No connection. The pins are not connected to the
internal circuit of the device. They can be used as
desired.
—
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More