Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17062CU Datasheet(PDF) 2 Page - NEC

Part # UPD17062CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17062CU Datasheet(HTML) 2 Page - NEC

  UPD17062CU Datasheet HTML 1Page - NEC UPD17062CU Datasheet HTML 2Page - NEC UPD17062CU Datasheet HTML 3Page - NEC UPD17062CU Datasheet HTML 4Page - NEC UPD17062CU Datasheet HTML 5Page - NEC UPD17062CU Datasheet HTML 6Page - NEC UPD17062CU Datasheet HTML 7Page - NEC UPD17062CU Datasheet HTML 8Page - NEC UPD17062CU Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 296 page
background image
2
µPD17062
ORDERING INFORMATION
Part number
Package
µPD17062CU-×××
48-pin plastic shrink DIP (600 mil)
µPD17062GC-×××
64-pin plastic QFP (14
× 14 mm)
Remark
××× is the ROM code number.
FUNCTION OVERVIEW
Item
Function
ROM (program memory) capacity
3968
× 16 bits (masked ROM)
CROM (character ROM) capacity
1920
× 16 bits (included in ROM)
RAM (data memory) capacity
336
× 4 bits (including the area that can be used for VRAM)
VRAM (video RAM) capacity
224
× 4 bits (included in RAM)
Instruction execution time
2
µs (when the 8-MHz crystal is used)
Stack level
6 levels (stack operation possible)
Number of I/O ports
Number of input ports: 4
Number of output ports: 8
Number of I/O ports: 15
IDC (Image Display Controller)
Number of characters in display: Up to 99 on a single screen
Display format: 10
× 15 dots, 14 rows × 19 columns
Number of character types: 120 (user-programmable)
Number of colors: 8
Character size
Vertical dimension
: 1 to 4 times (can be set for each line)
Horizontal dimension : 1 to 4 times (can be set for each character)
Serial interface
Serial interface 0 (two-wire or I2C bus compatible)
Serial interface 1 (two-wire or three-wire)
D/A converter
6 bits
× 4 (PWM output, withstand voltage of up to 12.5 V)
A/D converter
4 bits
× 6 (successive-approximation converter by software)
Interrupt
External interrupt : 2 channels
Internal interrupt : 2 channels
Timer
1 channel (internal clock/zerocross input)
PLL frequency synthesizer
Scaling method
: Pulse swallow method (VCO pin: Up to 40 MHz),
external specialized two-modulus prescaler
(
µPB595, for example)
Reference frequency : 6.25, 12.5, 25 kHz
Charge pump
: Error-out output
Phase comparator
: Capable of unlock detection by a program
Reset
Power-on reset
Reset by the CE pin
With power-failure detection function
Supply voltage
5 V
±10%
One system
4 channels





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More