Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2269 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2269
Description  Using the ST8024 Smartcard Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2269 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2269 Datasheet HTML 3Page - STMicroelectronics AN2269 Datasheet HTML 4Page - STMicroelectronics AN2269 Datasheet HTML 5Page - STMicroelectronics AN2269 Datasheet HTML 6Page - STMicroelectronics AN2269 Datasheet HTML 7Page - STMicroelectronics AN2269 Datasheet HTML 8Page - STMicroelectronics AN2269 Datasheet HTML 9Page - STMicroelectronics AN2269 Datasheet HTML 10Page - STMicroelectronics AN2269 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AN2269 - Application Note
Emergency Deactivation/Fault Detection
7/25
3
Emergency Deactivation/Fault Detection
ST8024 is equipped with a fault detection circuitry which monitors the following conditions
(see
Figure 1 on page 1):
●
VDD undervoltage,
●
Fault on card removal,
●
VCC Short circuit protection,
●
VDDP drop, and
●
Over-Temperature protection.
3.1
PORADJ VDD Undervoltage without External Resistor Bridge
The ST8024 logic circuitry is supplied by VDD. In order to avoid voltage spikes that could
cause damage, or malfunction of the device and/or card, a voltage supervisor block is
embedded (see
Figure 1). This block monitors VDD and when it gets lower than VTH2
(Falling Threshold Voltage on VDD, 2.45V, typ), the supervisor immediately starts the
deactivation sequence and VCC goes low.
As VDD goes higher than VTH2 + VHYS2, (VHYS2 is the Hysteresis of threshold voltage,
100mV, typ), after a certain amount of time (tw + tdebounce, where tw is the internal power-on
reset pulse width, 8ms typ, see
Figure 5 on page 8), CMDVcc goes low. The activation
sequence starts and VCC goes high. The PORADJ pin can be left floating, but connecting it
to GND to avoid noise capture is recommended.
Note: See
Fault On Card Removal on page 12 for tdebounce feature details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com