Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2269 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2269
Description  Using the ST8024 Smartcard Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2269 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2269 Datasheet HTML 5Page - STMicroelectronics AN2269 Datasheet HTML 6Page - STMicroelectronics AN2269 Datasheet HTML 7Page - STMicroelectronics AN2269 Datasheet HTML 8Page - STMicroelectronics AN2269 Datasheet HTML 9Page - STMicroelectronics AN2269 Datasheet HTML 10Page - STMicroelectronics AN2269 Datasheet HTML 11Page - STMicroelectronics AN2269 Datasheet HTML 12Page - STMicroelectronics AN2269 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AN2269 - Application Note
Emergency Deactivation/Fault Detection
9/25
3.2
PORADJ VDD Undervoltage with External Divider
In this case, a resistor bridge is applied to the PORADJ pin (see
Figure 6). VTH(ext) rise and
VTH(ext) fall are the External Rising Threshold Voltage and the External Falling Threshold
Voltage on VDD, respectively. They are the voltages on pin PORADJ that switch the device
ON and OFF. By knowing these values and using the formula:
Where:
it is possible to set R1 and R2 in order to get suitable values for VDD in order to turn the
device ON and OFF (R1+R2 = 100kΩ typ).
In particular, R1 and R2 have to be set so that, when VDD is getting low, before turning the
microcontroller off, the smart card has to be switched off properly as well. The same goes
for microcontroller start-up. The smart card has to be turned on after the microcontroller.
Figure 7 and Figure 8 on page 11 show the VTH(ext) rise and VTH(ext) fall on the PORADJ pin
(0.21V and 1.15V, respectively).
As long as VDD gets the proper start-up value (so that VTH(ext) rise = 1.196V), OFF goes low
for tw + tdebounce (tw ≈ 16ms, in this case). During this time, the device can not be turned on
by the CMDVcc. To turn the device on, CMDVcc must go low at least by the end of about
16ms (while OFF is high).
Figure 6.
External Resistor Bridge Applied to PORADJ
V
PORADJ
R
2 R1
R
2
+
⁄
() V
DD
×
=
VDD
GND
R1
To PORADJ
R2
AI11885



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com