Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0272 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0272
Description  Central Unit for Alarm System
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0272 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0272 Datasheet HTML 26Page - STMicroelectronics UM0272 Datasheet HTML 27Page - STMicroelectronics UM0272 Datasheet HTML 28Page - STMicroelectronics UM0272 Datasheet HTML 29Page - STMicroelectronics UM0272 Datasheet HTML 30Page - STMicroelectronics UM0272 Datasheet HTML 31Page - STMicroelectronics UM0272 Datasheet HTML 32Page - STMicroelectronics UM0272 Datasheet HTML 33Page - STMicroelectronics UM0272 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Menus
UM0272
30/40
Description
The Partitions description is 16 characters long and is displayed on the Log Event (see
Section 5.5: Log event) menus. This displays a more significant name rather than a number.
To change the description, press ENT, enter the new text and press ENT again to store the
new description.
Input
The Input sub-menu associates the selected partition to one or more zones installed on the
system. Press ENT to display the association menu (Figure 25) and the first 8 zones
hardwired on the CU. If more zones are present on the system by means of one or more IO
Expander, press
to display the next group of 8 zones. Press
to scroll through
each displayed zone. To associate the partition to selected zone, press ENT. The symbol
displayed after the zone number will change from a dot (.) to a plus sign (+).
Output
Similar to the Input sub-menu, this sub-menu associates partitions and zones that will be
monitored once the selected partition is activated.
Figure 25.
Input and output association menu
5.6.4
Installation code
For security reasons, an installation code is required to enter the CU in Setup mode using
any programming device (either a Control Module or the PC GUI). The factory value (both
for the CU and the CM) for the installation code is 00000000.
Changing the installation code from this menu affects both the installation code of the CU of
the CM programming the CU. If more than one CM is installed on the system, the old
installation code must be changed manually for each module. See Section 5.7: CM Setup
for more information about changing the installation code for Control Modules.
Figure 26.
Installation code menu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com