Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3141 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3141
Description  LC filters for mobile phone LCD and camera links
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3141 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3141 Datasheet HTML 5Page - STMicroelectronics AN3141 Datasheet HTML 6Page - STMicroelectronics AN3141 Datasheet HTML 7Page - STMicroelectronics AN3141 Datasheet HTML 8Page - STMicroelectronics AN3141 Datasheet HTML 9Page - STMicroelectronics AN3141 Datasheet HTML 10Page - STMicroelectronics AN3141 Datasheet HTML 11Page - STMicroelectronics AN3141 Datasheet HTML 12Page - STMicroelectronics AN3141 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN3141
Filtering the LCD or camera link
Doc ID 17004 Rev 1
9/14
The same measurements have been performed in the frequency domain, at 940 MHz.
Figure 10, Figure 11, and Figure 12 show the harmonic power with RC and LC type filter.
Figure 10.
Spectrum at 940 MHz, with RC type filter, EMIF10-LCD02F3
Figure 11.
Spectrum at 940 MHz, with LC type filter, EMIF08-LCD04M16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com