Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3141 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3141
Description  LC filters for mobile phone LCD and camera links
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3141 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3141 Datasheet HTML 1Page - STMicroelectronics AN3141 Datasheet HTML 2Page - STMicroelectronics AN3141 Datasheet HTML 3Page - STMicroelectronics AN3141 Datasheet HTML 4Page - STMicroelectronics AN3141 Datasheet HTML 5Page - STMicroelectronics AN3141 Datasheet HTML 6Page - STMicroelectronics AN3141 Datasheet HTML 7Page - STMicroelectronics AN3141 Datasheet HTML 8Page - STMicroelectronics AN3141 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN3141
Link between baseband processor and LCD or camera
Doc ID 17004 Rev 1
5/14
We choose to perform a measurement at 940 MHz, which is near the middle of the GSM RX
band.
The measurement setup is presented in Figure 4. Due to the spectrum content of a digital
signal, band-pass filter is needed to avoid saturation of the spectrum analyzer input stage.
Figure 4.
Harmonic measurement test setup
Measurement results is shown in Figure 5 (DUT short-circuited).
Figure 5.
Spectrum at 940 MHz of a 1.8 ns rise/fall time, 20 MHz signal
The result shows that the emission of this signal is significant regarding the required
sensitivity of a mobile phone.
This measurement was performed on one line, while digital links integrate several lines in
parallel. In addition, measurements have been performed on 50 environment, which is not
the case in the application (link is not impedance matched, drivers are low impedance and
receiver high impedance). Consequently, radiated field can be very high.
Without any filtering, this signal can drastically decrease the sensitivity of a mobile phone.
Signal generator
50
Ω output
Cavity band-
pass filter
Isolator
Spectrum analyzer
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com