Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3975 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3975
Description  Transparent serial link over ST7590 OFDM PRIME modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3975 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3975 Datasheet HTML 5Page - STMicroelectronics AN3975 Datasheet HTML 6Page - STMicroelectronics AN3975 Datasheet HTML 7Page - STMicroelectronics AN3975 Datasheet HTML 8Page - STMicroelectronics AN3975 Datasheet HTML 9Page - STMicroelectronics AN3975 Datasheet HTML 10Page - STMicroelectronics AN3975 Datasheet HTML 11Page - STMicroelectronics AN3975 Datasheet HTML 12Page - STMicroelectronics AN3975 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AN3975
System implementation - HW
Doc ID 022170 Rev 1
9/26
Figure 5 shows the physical implementation and signal pinout listed in Table 1 of the RS485
module. Outputs of the RS485 driver, the RS485 bus, are bonded to the connector depicted
on the right in Figure 5. The RS485 bus has two lines named A and B. The common ground
is also bonded out at the same connector. Two coupling capacitors 10 µF and 100 nF are
connected between +5 V and GND. We recommend adding 1 k
Ω serial resistors to the
signals between the microcontroller board CG and RS485 driver (namely, signals RO, RE,
DE, DI) during the debugging phase in order to avoid damage of used chips. The resistors
are not necessary and can be removed once the application works as expected.
Figure 5.
Module signal pinout
1.
Signal +5 V is connected to the bottom pin of the header.
Table 1.
Signals of interconnection of STEVAL-PCC012V1 and RS485 module
Signal
CN3 (CG)
RS485
USART_RX
DAC_STBY - PD6 - PIN 15
R0
GPIO
STBY_R - PD4 - PIN11
RE
GPIO
SPK_STBY - PD7 - PIN17
DE
USART_TX
STBY_L - PD5 - PIN13
DI
+5 V
PIN 2
VCC, +5 V
GND
PIN 19
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com