Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3975 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3975
Description  Transparent serial link over ST7590 OFDM PRIME modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3975 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3975 Datasheet HTML 1Page - STMicroelectronics AN3975 Datasheet HTML 2Page - STMicroelectronics AN3975 Datasheet HTML 3Page - STMicroelectronics AN3975 Datasheet HTML 4Page - STMicroelectronics AN3975 Datasheet HTML 5Page - STMicroelectronics AN3975 Datasheet HTML 6Page - STMicroelectronics AN3975 Datasheet HTML 7Page - STMicroelectronics AN3975 Datasheet HTML 8Page - STMicroelectronics AN3975 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
AN3975
System
Doc ID 022170 Rev 1
5/26
2
System
2.1
System description
The system being described contains two basic parts:
Power meter part: An interface to a power meter that can communicate with superior
system over RS485.
PC part: An interface that can communicate with the PC (using a USB connection) that is
a superior system for the power meter.
Both interfaces are interconnected by a power line link using the ST7590 demonstration
board. Once there are some data to be sent to the power meter, the PC sends this data to
the USB Virtual COM port. In this system, the microcontroller (PC part) takes the data from
the USB, encapsulates it into the commands for the first power line modem (base node) and
sends it to the power line. Another modem reads the data coming from the power line
(service node), and sends them to the microcontroller, power meter part. The
microcontroller extracts the data from the power line modem and sends them to UART_A.
The RS485 driver is connected to UART_A, so the data sent to the UART_A are converted
to RS485 and these data are delivered to the power meter. If the power meter replies, the
data comes back through this channel to the PC.
The microcontroller module used in this application is the connectivity gateway (STEVAL-
PCC012V1). This module is referred to as CG in the following text.
2.2
System specification
Power meter part (see Figure 1 and Figure 7)
●
Power meter with RS485 terminals. Two terminals (+, -) for half duplex RS485
●
Line driver for RS485 to UART_A
●
Connectivity gateway system with STM32 interfacing RS485 via UART_A
●
Connectivity gateway system with STM32 interfacing ST75xx via UART_B
●
PLM ST75xx using UART_B and connection to power lines
PC part (see Figure 1)
●
PC with USB
●
Connectivity gateway system with STM32 offering USB connection providing Virtual
COM port functionality.
●
Connectivity gateway system with STM32 interfacing ST75xx via UART_B
●
PLM ST75xx using UART_B and connection to power lines
Modulation and modem specifications
●
ST7590, OFDM modulation, PRIME protocol, one logical channel opened by service
node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com