Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4111 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4111
Description  The STEVAL-ILL044V1 demonstration board showcases
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4111 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4111 Datasheet HTML 3Page - STMicroelectronics AN4111 Datasheet HTML 4Page - STMicroelectronics AN4111 Datasheet HTML 5Page - STMicroelectronics AN4111 Datasheet HTML 6Page - STMicroelectronics AN4111 Datasheet HTML 7Page - STMicroelectronics AN4111 Datasheet HTML 8Page - STMicroelectronics AN4111 Datasheet HTML 9Page - STMicroelectronics AN4111 Datasheet HTML 10Page - STMicroelectronics AN4111 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID023194 Rev4
7/17
AN4111
Measured performances
Figure 9. Output power carrier
Figure 10. Second harmonic
Mkr2 2.44000 Ghz
1.231 dBm
Span 100 MHz
Sweep 4 ms (401 pts)
Ref 0 dBm
Peak
Log
10
dB/
Center 2.44 GHz
#Res BW 1 MHz
VBW 1 MHz
Marker
1
2
3
Trace
(1)
(1)
(1)
Type
Freq
Freq
Freq
X Axis
2.40200 GHz
2.44000 GHZ
2.48000 GHz
Amplitude
1.275 dBm
1.231 dBm
0.934 dBm
Atten 10 dB
Mkr1 4.88000 Ghz
-40.95 dBm
Ref 0 dBm
Peak
Log
10
dB/
Atten 10 dB
Span 200 MHz
Sweep 4 ms (401 pts)
Center 4.88 GHz
#Res BW 1 MHz
VBW 1 MHz
M1 S2
S3 FC
AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com