Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4111 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN4111
Description  The STEVAL-ILL044V1 demonstration board showcases
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4111 Datasheet(HTML) 2 Page - STMicroelectronics

  AN4111 Datasheet HTML 1Page - STMicroelectronics AN4111 Datasheet HTML 2Page - STMicroelectronics AN4111 Datasheet HTML 3Page - STMicroelectronics AN4111 Datasheet HTML 4Page - STMicroelectronics AN4111 Datasheet HTML 5Page - STMicroelectronics AN4111 Datasheet HTML 6Page - STMicroelectronics AN4111 Datasheet HTML 7Page - STMicroelectronics AN4111 Datasheet HTML 8Page - STMicroelectronics AN4111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
BAL-NRF01D3 preview
AN4111
2/17
DocID023194 Rev4
1
BAL-NRF01D3 preview
1.1
Features
 50  nominal input / conjugate match to Nordic Semiconductor chips nRF24LE1 QFN32,
nRF24AP2-1CH, nRF24AP2-8CH, nRF51422-QFAA and nRF51822-QFAA
 Low insertion loss
 Low amplitude imbalance
 Low phase imbalance
 Small footprint: < 1.5 mm2
Benefits
 Very low profile: < 595 µm after reflow
 High RF performance
 RF BOM and area reduction
Applications
 2.45 GHz impedance matched balun filter
 Optimized for Nordic's chip set nRF24LE1/AP2 and nRF51 series
1.2
Description
STMicroelectronics BAL-NRF01D3 is an ultra miniature balun. The BAL-NRF01D3
integrates matching network and harmonics filter. Matching impedance has been
customized for the following Nordic Semiconductor circuits: nRF24LE1 QFN-32 pins,
nRF24AP2-1CH, nRF24AP2-8CH, nRF51422-QFAA and nRF51822-QFAA.
The BAL-NRF01D3 uses STMicroelectronics IPD technology on non-conductive glass
substrate which optimize RF performances.
The BAL-NRF01D3 has been tested and approved by Nordic Semiconductor in their
nRF2723 and nRF2752 nRFgo modules.
1.3
Flip chip package
Figure 1. Package 5 bumps
Figure 2. Pin out diagram (top view)
Lead-free Flip-Chip package
5 bumps
SE
DIFF
DIFF
VCC
GND
A
B
C
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com