Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UI8014 Datasheet(PDF) 1 Page - Unitpower Technology Limited

Part # UI8014
Description  N-Ch 80V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UI8014 Datasheet(HTML) 1 Page - Unitpower Technology Limited

  UI8014 Datasheet HTML 1Page - Unitpower Technology Limited UI8014 Datasheet HTML 2Page - Unitpower Technology Limited UI8014 Datasheet HTML 3Page - Unitpower Technology Limited UI8014 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
UI8014
N-Ch 80V Fast Switching MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
80
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
11.8
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
1
7.5
A
ID@TA=25℃
Continuous Drain Current, VGS @ 10V
1
3
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V
1
2.4
A
IDM
Pulsed Drain Current
2
25
A
EAS
Single Pulse Avalanche Energy
3
20.5
mJ
IAS
Avalanche Current
17.6
A
PD@TC=25℃
Total Power Dissipation
4
31.3
W
PD@TA=25℃
Total Power Dissipation
4
2.02
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
62
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
4
℃
/W
ID
80V
100mΩ
11.8A
The UI8014 is the highest performance trench
N-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The UI8014 meet the RoHS and Green Product
requirement , 100% EAS guaranteed with full
function reliability approved.
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter
Networking DC-DC Power System
Power Tool Application
Absolute Maximum Ratings
Thermal Data
TO251 Pin Configuration
Product Summery
BVDSS
RDS(ON)


Similar Description - UI8014

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA8016 FETEK-FKBA8016 Datasheet
658Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKBA8024A FETEK-FKBA8024A Datasheet
592Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKBA8074A FETEK-FKBA8074A Datasheet
501Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : B
FKH8024A FETEK-FKH8024A Datasheet
758Kb / 5P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKH8448 FETEK-FKH8448 Datasheet
642Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKP8016 FETEK-FKP8016 Datasheet
670Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKP8070 FETEK-FKP8070 Datasheet
512Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKR8014 FETEK-FKR8014 Datasheet
605Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKS8016 FETEK-FKS8016 Datasheet
646Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKS8048 FETEK-FKS8048 Datasheet
734Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com