Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UI8014 Datasheet(PDF) 2 Page - Unitpower Technology Limited

Part # UI8014
Description  N-Ch 80V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UI8014 Datasheet(HTML) 2 Page - Unitpower Technology Limited

  UI8014 Datasheet HTML 1Page - Unitpower Technology Limited UI8014 Datasheet HTML 2Page - Unitpower Technology Limited UI8014 Datasheet HTML 3Page - Unitpower Technology Limited UI8014 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
N-Ch 80V Fast Switching MOSFETs
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
80
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.072
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V , ID=10A
---
80
100
m
Ω
VGS=4.5V, ID=8A
---
90
115
m
Ω
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.2
---
2.5
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
-4.7
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=64V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=64V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=10A
---
14.7
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
2.8
5.6
Ω
Qg
Total Gate Charge (10V)
VDS=64V , VGS=10V , ID=10A
---
18.6
26
nC
Qgs
Gate-Source Charge
---
3.9
5.5
Qgd
Gate-Drain Charge
---
3.2
4.5
Td(on)
Turn-On Delay Time
VDD=40V , VGS=10V , RG=3.3Ω,
ID=10A
---
5
10
ns
Tr
Rise Time
---
25
45
Td(off)
Turn-Off Delay Time
---
21
42
Tf
Fall Time
---
7.6
15.2
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
1090
1526
pF
Coss
Output Capacitance
---
60
84
Crss
Reverse Transfer Capacitance
---
41
57
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EAS
Single Pulse Avalanche Energy
5
VDD=50V , L=0.1mH , IAS=12A
9.5
---
---
mJ
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
VG=VD=0V , Force Current
---
---
11.8
A
ISM
Pulsed Source Current
2,6
---
---
25
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=A , TJ=25℃
---
---
1.2
V
trr
Reverse Recovery Time
IF=10A , dI/dt=100A/µs , TJ=25℃
---
18.6
---
nS
Qrr
Reverse Recovery Charge
---
17.7
---
nC
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=50V,VGS=10V,L=0.1mH,IAS=17.6A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Guaranteed Avalanche Characteristics
Diode Characteristics
UI8014



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com