Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN280 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN280
Description  Controlling voltage transients in full-bridge driver applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN280 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN280 Datasheet HTML 2Page - STMicroelectronics AN280 Datasheet HTML 3Page - STMicroelectronics AN280 Datasheet HTML 4Page - STMicroelectronics AN280 Datasheet HTML 5Page - STMicroelectronics AN280 Datasheet HTML 6Page - STMicroelectronics AN280 Datasheet HTML 7Page - STMicroelectronics AN280 Datasheet HTML 8Page - STMicroelectronics AN280 Datasheet HTML 9Page - STMicroelectronics AN280 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Source of voltage transients
AN280
6/15
Doc ID 1703 Rev 3
Figure 3.
Parasitic wiring inductances in DC motor drive circuit
In fast switching applications, using the L6202, where the switching time is as short as 25
ns, the induced voltage spike can become quite large. For example if the DC motor in
Figure 3 was driven with 4 A and the bridge was switched off, a parasitic inductance of only
15 nH produces a 5 V spike. Since the current is reversed in both the supply and ground
leads the device can see a 10 V spike between the power supply pin and chip ground, if the
inductance of both wires are the same.
As a design example, consider a DC motor driver shown in Figure 1 with the following
system characteristics:
●
Supply voltage: max 46 V, min 38 V
●
Peak motor current: 5 A
●
Chopping frequency: 50 kHz
Figure 4.
Enable input and motor current for examples
For evaluation, the motor is driven with a peak current of 4 A. Figure 4 shows the input
signal for the L6202 on the Enable pin and the motor current used in the evaluation.
Here the bridge is energized and the load current is allowed to build up to 4 A. When the 4 A
peak is reached, the bridge is disabled and the current decays through the intrinsic diodes in
the DMOS power stage. All figures in the remainder of this note are taken under these
operating conditions.
AM15170v1
AM15171v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com