Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN280 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN280
Description  Controlling voltage transients in full-bridge driver applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN280 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN280 Datasheet HTML 6Page - STMicroelectronics AN280 Datasheet HTML 7Page - STMicroelectronics AN280 Datasheet HTML 8Page - STMicroelectronics AN280 Datasheet HTML 9Page - STMicroelectronics AN280 Datasheet HTML 10Page - STMicroelectronics AN280 Datasheet HTML 11Page - STMicroelectronics AN280 Datasheet HTML 12Page - STMicroelectronics AN280 Datasheet HTML 13Page - STMicroelectronics AN280 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Snubber design considerations
AN280
10/15
Doc ID 1703 Rev 3
When the snubber network is installed in the application the voltage transients on the
terminals of the L6203 are greatly reduced, as shown in Figure 11. The drawback of a
snubber network of this type is that a current spike flows into the transistor when it is
switched on as the capacitor is discharged. The theoretical peak value of this spike is given
by the equation:
Equation 4
Figure 10.
Supply voltage with snubber
Figure 11.
V01 - V02 with snubber
This peak current flowing in the snubber is added to the load current when the device is
turned on and the total peak current in the transistor is the sum of the snubber circuit current
plus the load current. In practice, the peak current measured is usually much less than the
calculated peak, due to the capacitors internal resistance and the resistor inductance.
Figure 12 and Figure 13 show the peak current in the snubber network in the design
example.
I
V
smax
R
----------------
42V
7.5ohm
---------------------
5.6 A
==
=
AM15177v1
AM15178v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com