Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN966 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN966
Description  The front-end stage of conventional off-line converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN966 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN966 Datasheet HTML 5Page - STMicroelectronics AN966 Datasheet HTML 6Page - STMicroelectronics AN966 Datasheet HTML 7Page - STMicroelectronics AN966 Datasheet HTML 8Page - STMicroelectronics AN966 Datasheet HTML 9Page - STMicroelectronics AN966 Datasheet HTML 10Page - STMicroelectronics AN966 Datasheet HTML 11Page - STMicroelectronics AN966 Datasheet HTML 12Page - STMicroelectronics AN966 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
quency inductor current ripple (twice the average line current, see fig. 9). The worst conditions will occur
on the peak of the minimum rated input voltage.
The maximum high frequency voltage ripple is usually imposed between 1% and 10% of the minimum
rated input voltage. This is expressed by a coefficient r (typically, r = 0.01 to 0.1):
Cin
=
I rms
2
π ⋅ ƒsw ⋅ r ⋅ Virms (min)
High values of Cin alleviate the burden to the EMI filter but cause the power factor and the harmonic con-
tents of the mains current to worsen, especially at high line and light load. On the other hand, low values of
Cin improve power factor and reduce mains current distortion but require heavier EMI filtering and increase
power dissipation in the input bridge. It is up to the designer to find the right trade-off in their application.
Output Capacitor
The output bulk capacitor (Co) selection depends on the DC output voltage, the admitted overvoltage,
the output power and the desired voltage ripple.
The 100 to 120Hz (twice the mains frequency) voltage ripple (
∆VO= 1/2 ripple peak-to-peak value) is a
function of the capacitor impedance and the peak capacitor current (IC(2f)pk = Io):
∆VO = IO ⋅
√
1
(2π ⋅ 2f ⋅ CO)
2 +
ESR
2
With a low ESR capacitor the capacitive reactance is dominant, therefore:
CO
≥
IO
4
π ⋅ f ⋅ ∆VO
=
PO
4
π ⋅ f ⋅ VO ⋅ ∆VO
∆Vo is usually selected in the range of 1 to 5% of the output voltage.
Although ESR usually does not affect the output ripple, it has to be taken into account for power losses
calculation. The total RMS capacitor ripple current, including mains frequency and switching frequency
components, is:
ICrms
=
√
32
√2
9
π
⋅ I rms
2
⋅
Virms
Vo
− I o
2
If the application has to guarantee a specified hold-up time, the selection criterion of the capacitance will
change: Co has to deliver the output power for a certain time (tHold) with a specified maximum dropout voltage:
CO
=
2
⋅ PO ⋅ tHold
V o_min
2
− V op_min
2
where Vo_min is the minimum output voltage value (which takes load regulation and output ripple into
account) and Vop_min is the minimum output operating voltage before the ’power fail’ detection from the
downstream system supplied by the PFC.
Boost Inductor
Designing the boost inductor involves several parameters and different approaches can be used.
First, the inductance value must be defined. The inductance (L) is usually determined so that the mini-
mum switching frequency is greater than the maximum frequency of the internal starter, to ensure a cor-
rect TM operation. Assuming unity PF, it is possible to write:
Ton
=
L
⋅ ILpk ⋅ sin(θ)
√2 ⋅ Virms ⋅ sin(θ)
=
L
⋅ ILpk
√2 ⋅ Virms
Toff
=
L
⋅ ILpk ⋅ sin(θ)
Vo
− √2 ⋅ Virms ⋅ sin(θ)
AN966 APPLICATION NOTE
9/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com