Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN993 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 2Page - STMicroelectronics AN993 Datasheet HTML 3Page - STMicroelectronics AN993 Datasheet HTML 4Page - STMicroelectronics AN993 Datasheet HTML 5Page - STMicroelectronics AN993 Datasheet HTML 6Page - STMicroelectronics AN993 Datasheet HTML 7Page - STMicroelectronics AN993 Datasheet HTML 8Page - STMicroelectronics AN993 Datasheet HTML 9Page - STMicroelectronics AN993 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
L6574 ballast driver
AN993
6/27
Doc ID 5656 Rev 10
Figure 3.
Connection of a typical application
AM01311v1
Cpre
Cf
Rcs
L_ballast
C1
Cres
LAMP
D3
R2
Rign.
2
7
6
5
1
9
8
11
14
15
16
12
3
410
L6574
Rpre.
+
HVBus
R3
R1
D4
R9
R7
C4
R8
C3
R6
R5
R4
CSupply
CBoot
Cb
Qh
Ql
CSnub
Ref.
D1
D2
Rgl
Rgh
C2
Table 1.
Description of device pins
Number
Name
Function
1
Cpre
Preheat timing capacitor. The capacitor Cpre sets the preheating and the frequency
shift time, according to the relations: tpre= Kpre· Cpre and tSH= KFS· Cpre (typ. Kpre=
1.5 s/
∝F, K
FS= 0.15s/∝F). This feature is obtained by charging Cpre with two different
currents. During tpre, this current is independent of the external components, so Cpre
is charged up to 3.5 V (preheat timing comparator threshold). During tSH, the current
depends on the value of Rpre (that is, on the difference between fpre and fign). In this
way tSH is always set at 0.1tpre. In steady state the voltage at pin 1 is 5 V (see
Figure 5).
2
Rpre
Maximum oscillation frequency setting. The resistance connected between this pin
and ground sets the fpre value, fixing the difference between fpre and fign(fpre> fign). At
the end of the start-up procedure, the effect current drown from Rpre is over. The
voltage at this pin is fixed at VREF =2 V.
3
CF
Oscillator frequency setting. The capacitor CF, along with to Rpre and Rign, sets fpre
and fING. In normal operation this pin shows a triangular wave.
4
Rign
Minimum oscillation frequency setting. The resistance connected between this pin
and ground sets the fign value. The voltage at this pin is fixed at VREF =2 V.
5
OPout
Out of the operational amplifier. To implement a feedback control loop this pin can be
connected to the Rign pin by means of appropriate circuitry.
6
OPin-
Inverting input of the operational amplifier.
7
OPin+
Non-inverting Input of the operational amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com