Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN993 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 6Page - STMicroelectronics AN993 Datasheet HTML 7Page - STMicroelectronics AN993 Datasheet HTML 8Page - STMicroelectronics AN993 Datasheet HTML 9Page - STMicroelectronics AN993 Datasheet HTML 10Page - STMicroelectronics AN993 Datasheet HTML 11Page - STMicroelectronics AN993 Datasheet HTML 12Page - STMicroelectronics AN993 Datasheet HTML 13Page - STMicroelectronics AN993 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Device block description
AN993
10/27
Doc ID 5656 Rev 10
Where:
Equation 4
Rign and Rpre are the resistors connected to pin 4 and pin 2.
At the end of the preheating time (t = Tpre), the L6574 oscillates at fmax, set by:
Equation 5
This means that the preheating frequency depends on both Rpre and Rign.
At the end of the frequency shifting (t = Tpre + Tsh), the second term of Equation 3
decreases to zero and the switching frequency is set only by Imin (that is, Rign).
Equation 6
Since the second term of Equation 3 is equal to zero, we have:
Equation 7
Note that there is no fixed voltage threshold across Cpre in which the ignition phase finishes
(that is, the end of the frequency shifting): Tsh depends on Cpre, Imax, gm, and Ifs
(Equation 7). This fact is also verified in Figure 7. By making Tsh independent of Imax, the Ifs
current has been designed to be a fraction of Imax, therefore:
Equation 8
In this way, the frequency shifting time depends only on the capacitor Cpre. The typical value
of the kfs constant (frequency shift timing constant) is 0.15 s/µF, that is:
Equation 9
So when choosing Cpre, both Tpre and Tsh are set.
The frequencies fmin and fmax depend on the resistors Rpre and Rign, but also on the
capacitor Cf (oscillator frequency setting -> capacitor at pin 3). fmin is set by choosing Cf and
Rign, then with Rpre the Δf = fmax - fmin is set.
Simplified equations can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com