Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN994 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN994
Description  L638xE application guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN994 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN994 Datasheet HTML 3Page - STMicroelectronics AN994 Datasheet HTML 4Page - STMicroelectronics AN994 Datasheet HTML 5Page - STMicroelectronics AN994 Datasheet HTML 6Page - STMicroelectronics AN994 Datasheet HTML 7Page - STMicroelectronics AN994 Datasheet HTML 8Page - STMicroelectronics AN994 Datasheet HTML 9Page - STMicroelectronics AN994 Datasheet HTML 10Page - STMicroelectronics AN994 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AN994
L6385E
7/25
2
L6385E
The L6385E (shown in Figure 4) is a high- and low-side configurable driver. It can control
the high- and low-side outputs (HVG and LVG) seperately, through the two related logic
inputs HIN and LIN. This device is provided with an undervoltage detection function in both
the low voltage VCC supply and high-voltage bootstrapped supply. Delivered in 8-pin
packages, this driver has been specifically designed for power supplies and motion control
applications.
Figure 5 and Figure 6 show the schematic diagram of the evaluation circuit and the layout of
the relevant PCB.
Table 2.
L6385E pin description
N.
Name
Type
Function
1
LIN (1)
I
Low-side driver logic input. Compatible with the VCC voltage (Vil Max = 1.5 V, Vih Min = 3.6 V)
2
HIN (1)
I
High-side driver logic input. Compatible with the VCC voltage (Vil Max = 1.5 V, Vih Min = 3.6 V)
3
VCC
Supply input voltage with UVLO (typically Vccth1 = 9.6 V, Vccth2 = 8.3 V).
4
GND
Ground.
5
LVG
O
Low-side driver output. The output stage can deliver a 400 mA source and a 650 mA sink
(typical values). The circuit guarantees 0.3 V maximum on the pin (at Isink = 10 mA) with
VCC > 3 V and lower than the turn-on threshold. This removes the need for the bleeder
resistor connected between the gate and the source of the external MOSFET normally
used to hold the pin low. The gate driver ensures low impedance in SD conditions as well.
6
OUT
O
High-side driver floating reference. Attention should be paid to the layout design of the
power stage so as to limit below-ground spikes on this pin.
7
HVG
O
High-side driver output. The output stage can deliver a 400 mA source and a 650 mA sink
(typical values). The circuit guarantees 0.3 V maximum between this pin and Vout (at Isink
= 10 mA) with VCC > 3 V and lower than the turn-on threshold. This removes the need for
the bleeder resistor connected between the gate and the source of the external MOSFET
normally used to hold the pin low.
8
VBOOT
Bootstrap supply voltage. This is the floating supply of the high-side driver. Includes a
UVLO function (typically, VBSth1 = 9.5 V, VBSth2= 8.2 V). The bootstrap capacitor connected
between this pin and pin 6 can be fed by an internal structure named "bootstrap driver" (a
patented structure). This structure can replace the external bootstrap diode.
1.
The pull-down internal resistor is typically some hundred k
Ωs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com