Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN994 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN994
Description  L638xE application guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN994 Datasheet(HTML) 4 Page - STMicroelectronics

  AN994 Datasheet HTML 1Page - STMicroelectronics AN994 Datasheet HTML 2Page - STMicroelectronics AN994 Datasheet HTML 3Page - STMicroelectronics AN994 Datasheet HTML 4Page - STMicroelectronics AN994 Datasheet HTML 5Page - STMicroelectronics AN994 Datasheet HTML 6Page - STMicroelectronics AN994 Datasheet HTML 7Page - STMicroelectronics AN994 Datasheet HTML 8Page - STMicroelectronics AN994 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
L6384E
AN994
4/25
1
L6384E
The L6384E (depicted in Figure 1) is a half-bridge driver with an externally-adjustable dead
time and shut-down function. To disable the driver, the control pin (DT/SD at pin 3) must be
pulled down to below 0.5 V. The dead time can be set from 0.5 µs to 2.7 µs by placing a
resistor between pin 3 and ground. Available in both Minidip and SO-8 packages, this driver
can be used in motor controls, resonant converters and lighting applications. Figure 2 and
Figure 3 show the schematic diagram of the evaluation circuit and the layout of the test PCB.
Table 1.
L6384E pin description
N. Name Typ.
Function
1
IN(1)
I
Logic input. In phase with HVG and in opposition to LVG. Compatible with the VCC voltage.
2
V
CC
Supply input voltage. Includes an internal clamp (typically 15.6 V). Also has a UVLO feature
(typical threshold value Vccth1 = 12 V, Vccth2 = 10 V).
3
DT/SD
I
High impedance pin with double function. When pulled to a voltage lower than Vdt (typically
0.5 V) the device is shut down. A voltage higher than Vdt sets the dead time between the high
side and low side gate driver. The dead time value can be set by forcing a certain voltage level on
the pin or by connecting a resistor between pin 3 and ground. Care must be taken to avoid spikes
on pin 3 that could cause an undesired shut down of the IC. For this reason, the connection of the
components between pin 3 and ground must be as short as possible. This pin cannot be left
floating for the same reason. The pin must not be pulled through a low impedance to VCC
because of the drop on the current source that feeds Rdt.
4
GND
Ground.
5
LVG
O
Low-side driver output. The output stage can deliver a 400 mA source and a 650 mA sink (typical
values). The circuit guarantees 0.3 V maximum on the pin (at Isink= 10 mA) with VCC > 3 V and
lower than the turn-on threshold. This removes the need for the bleeder resistor connected
between the gate and the source of the external MOSFET normally used to hold the pin low. The
gate driver ensures low impedance in SD conditions as well.
6
OUT
O
Upper driver floating reference. Attention should be paid to the layout design of the power stage
so as to limit below-ground spikes on this pin.
7HVG
O
High-side driver output. The output stage can deliver a 400 mA source and a 650 mA sink (typical
values). The circuit guarantees 0.3 V maximum between this pin and Vout (at Isink = 10 mA) with
VCC > 3 V and lower than the turn-on threshold. This removes the need for the bleeder resistor
connected between the gate and the source of the external MOSFET normally used to hold the
pin low. The gate driver ensures low impedance in SD conditions as well.
8VBOOT
Bootstrap supply voltage. This is the upper driver floating supply. The bootstrap capacitor
connected between this pin and pin 6 can be fed by an internal structure named "bootstrap
driver" (a patented structure). This structure can replace the external bootstrap diode.
1.
The pull-down internal resistor is typically some hundred k
Ωs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com