Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1213 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1213
Description  OUTPUT PROTECTION CHARACTERISATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1213 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1213 Datasheet HTML 1Page - STMicroelectronics AN1213 Datasheet HTML 2Page - STMicroelectronics AN1213 Datasheet HTML 3Page - STMicroelectronics AN1213 Datasheet HTML 4Page - STMicroelectronics AN1213 Datasheet HTML 5Page - STMicroelectronics AN1213 Datasheet HTML 6Page - STMicroelectronics AN1213 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
AN1213 APPLICATION NOTE
Figure 3. Spurious transition of the output transistor due to burst pulse
TDE 1707 ( old silicon ): the value of the delay capacitor (C1) does not influence the immunity level of the
device. The device behaves exactly the same whatever it is the value of the capacitor. Without any other ca-
pacitor than the two on Vcc ( C4 ) and on Vreg ( C2 ) the device shows an immunity level of +300 / -800. The
immunity can improve if it is adopted a capacitor on the output ( C3 ). This capacitor has the same effect when-
ever it is connected between ground and output or Vcc and output. With C3=1 nF the immunity level is +1400
/ -2500 V, C3=10 nF bring to an immunity level higher than +2500 /-2500.
TDE 1707 Rev. B ( new silicon ): placing the delay capacitor (C1) results in lowering the fast transient immu-
nity , which is anyway higher than the one acquired in the same conditions with the old silicon. In fact without
capacitor on pin 3 the device is working correctly even with +2500 / -2500 V of burst voltage. This value is
strongly reduced when a delay capacitor is adopted: with C1 = 470 pF, immunity drops to +600 / -1500 V. The
same for higher values of C1 ( ex: 3.3nF ). Even with TDE1707 rev.B it is very useful to filter the output and 1
nF between ground and output (C 3) or between Vcc and output it is sufficient to gain the correct operating of
the device with a burst amplitude of +2500 / -2500.
Layout: anyway it must be underlined the importance of the layout . To gain the highest levels of immunity it is
important to provide an accurate layout for the ground. Star connection is recommended for the ground connec-
tions of the capacitors on Vcc and Vreg.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com