Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1213 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1213
Description  OUTPUT PROTECTION CHARACTERISATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1213 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1213 Datasheet HTML 1Page - STMicroelectronics AN1213 Datasheet HTML 2Page - STMicroelectronics AN1213 Datasheet HTML 3Page - STMicroelectronics AN1213 Datasheet HTML 4Page - STMicroelectronics AN1213 Datasheet HTML 5Page - STMicroelectronics AN1213 Datasheet HTML 6Page - STMicroelectronics AN1213 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AN1213 APPLICATION NOTE
4/7
Figure 4. Zoom of the Layout
Table 2. Immunity levels for old and new silicon corresponding to C out value
Short circuit and reverse output connection behaviour:
The following evaluation refers to the TDE 1707 rev. B operating with a supply voltage varying between 18 and
30 V, pure resistive load (from 0 to 15 k ohm ), ceramic capacitor on Vcc ( 110 nF ) and Vreg (10 nF )
The TDE 1707 cannot withstand short circuit condition without a delay capacitor connected to pin 3.
When the device is switched on from a cold state there is a zone corresponding to which the protection has no
effect on the output transistor: pin 3 goes low but the output transistor does not switch off as it should. This zone
becomes shorter and shorter with rising temperature and finally it is no longer present: when the device is
switched on warm , the protection is fully working. This period of time in which the protection has no effect is
long enough to have destroying effect on the device if the voltage supply is higher than 24 V. It is possible to
see figure 5 this behaviour ( ch. 1 : Vcc, ch. 3: pin 3, ch. 4: I out ).
It is not possible to filter this effect directly on Vcc and Vreg , at least not for reasonable values of electrolytic
capacitors paralleled to the ceramic ones. It is just sufficient to add a very small capacitor (68pF ) on pin 3 to
have no longer this effect and to avoid the problem.
Cout (nF)
TDE1707
TDE1707 Rev. B
No capacitor
-800 / +300V
-1500 / +600V
1nF
-2500 / +1400V
>(-2500 / +2500V)
10nF
>(-2500 / +2500V)
>(-2500 / +2500V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com