Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1320 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1320
Description  IN BALLAST APPLICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1320 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1320 Datasheet HTML 1Page - STMicroelectronics AN1320 Datasheet HTML 2Page - STMicroelectronics AN1320 Datasheet HTML 3Page - STMicroelectronics AN1320 Datasheet HTML 4Page - STMicroelectronics AN1320 Datasheet HTML 5Page - STMicroelectronics AN1320 Datasheet HTML 6Page - STMicroelectronics AN1320 Datasheet HTML 7Page - STMicroelectronics AN1320 Datasheet HTML 8Page - STMicroelectronics AN1320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AN1320 APPLICATION NOTE
3/20
alone during the on phase. As pin 2 and 4 are at 2V, the currents that flow out of them is inversely proportional
to the resistance connected between gnd and pin 2 (RPRE) and between gnd and pin 4 (RIGN).
There are some useful formula:
Choosing properly the resistor and the capacitor values the designer can set the desired frequencies and timing.
When the designer has to do another application for another lamp type, he has to change the resistors and ca-
pacitors in order to have another range of frequencies.
For protection in case of lamp failure two logic input are provided: pin8 [EN1] and pin9 [EN2]. Both are active
high, but they have different functions: when EN2 is activated it forces the IC to start again the preheat se-
quence. When EN1 is activated it shut down the IC until VCC is removed or until EN2 is pulled high.
EN2 is usually used as “ignition fault”: if the lamp is not ignited, the preheat sequence starts again.
EN1 can be used to sense lamp removal / replacement or disconnection.
Figure 3. EN1
ƒ
ma x
1.41
R
pre
R
ign
+
()
⋅
R
pre
R
ign
Cƒ
⋅⋅
---------------------------------------------------
=
ƒ
mi n
1.41
R
ign
Cƒ
⋅
------------------------
=
VCC
LVG
HVG
EN1
VSUVP
D97IN490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com