Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1320 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1320
Description  IN BALLAST APPLICATIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1320 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1320 Datasheet HTML 1Page - STMicroelectronics AN1320 Datasheet HTML 2Page - STMicroelectronics AN1320 Datasheet HTML 3Page - STMicroelectronics AN1320 Datasheet HTML 4Page - STMicroelectronics AN1320 Datasheet HTML 5Page - STMicroelectronics AN1320 Datasheet HTML 6Page - STMicroelectronics AN1320 Datasheet HTML 7Page - STMicroelectronics AN1320 Datasheet HTML 8Page - STMicroelectronics AN1320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AN1320 APPLICATION NOTE
4/20
Figure 4. EN2
L6574 has also a sense op-amp that can be used to have a closed loop control of the lamp. We can give a volt-
age reference to the non-inverting input, a signal proportional to the load current to the inverting input, and we
can connect the op amp output pin to pin #4. In this way if the current in the load exceeds the reference the op
amp will sink from pin 4 an additional amount of current that has to be added to the current that flows through
RIGN. So the current charging CF will increase, that means a higher half bridge oscillation frequency, that means
a lower current in the load. Changing the reference voltage on the non-inverting input of the op amp we change
the frequency of the oscillator, that means we change the current in the load, and this allows lamp dimming.
Figure 5. Closed Loop
VCC
tPRE
tPRE
tSH
tSH
fPRE
fING
EN2
fOUT
VSUVP
D97IN491B
Q3
STP4NB50/
STP6NB50
R25
0.68
C9 8.2nF
R18 100K
R19 100K
D3
1N4148
R33 9.1K
65
4
7+
RIGN
-
D98IN818A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com