Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1517 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1517
Description  Designing with the STEVAL-ISA089V1 high efficiency DC-DC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1517 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1517 Datasheet HTML 5Page - STMicroelectronics AN1517 Datasheet HTML 6Page - STMicroelectronics AN1517 Datasheet HTML 7Page - STMicroelectronics AN1517 Datasheet HTML 8Page - STMicroelectronics AN1517 Datasheet HTML 9Page - STMicroelectronics AN1517 Datasheet HTML 10Page - STMicroelectronics AN1517 Datasheet HTML 11Page - STMicroelectronics AN1517 Datasheet HTML 12Page - STMicroelectronics AN1517 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
DocID8827 Rev 3
9/30
AN1517
Functional description
30
time of the current at turn ON, is a very critical parameter. At a first approach, it appears that
the faster the rise time, the lower the turn ON losses. However, there is a limit introduced by
the recovery time of the recirculation diode.
In fact, when the current of the power element is equal to the inductor current, the diode
turns OFF and the drain of the power is able to go high. But during its recovery time, the
diode can be considered a high value capacitor and this produces a very high peak current,
responsible for many problems:
Spikes on the device supply voltage that cause oscillations (and thus noise) due to the
board parasitics
Turn ON overcurrent leads to a decrease in the efficiency and system reliability
Major EMI problems
Shorter freewheeling diode life
The fall time of the current during the turn OFF is also critical, as it produces voltage spikes
(due to the parasitics elements of the board) that increase the voltage drop across the
PDMOS.
In order to minimize these problems, a new driving circuit topology has been used and the
block diagram is shown in Figure 8. The basic idea is to change the current levels used to
turn the power switch ON and OFF, based on the PDMOS and the gate clamp status.
This circuitry allows the power switch to be turned OFF and ON quickly and addresses the
freewheeling diode recovery time problem. The gate clamp is necessary to avoid that VGS of
the internal switch goes higher than VGSmax. The ON/OFF Control block protects against
any cross conduction between the supply line and ground.
Figure 8. Driving circuitry
2.7
Thermal shutdown
The thermal shutdown block generates a signal that turns OFF the power stage if the
temperature of the chip goes higher than a fixed internal threshold (150 °C). The sensing
element of the chip is very close to the PDMOS area, ensuring fast and accurate
temperature detection. A hysteresis of approximately 20 °C avoids that the device turns ON
and OFF continuously.
Vgsmax
GATE
STOP
DRIVE
DRAIN
OFF
ON
PDMOS
VOUT
DRAIN
VCC
ILOAD
C
ESR
AM00009v1
IOFF
ION
ON/OFF
CONTROL
CLAMP
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com