Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1517 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1517
Description  Designing with the STEVAL-ISA089V1 high efficiency DC-DC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1517 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1517 Datasheet HTML 1Page - STMicroelectronics AN1517 Datasheet HTML 2Page - STMicroelectronics AN1517 Datasheet HTML 3Page - STMicroelectronics AN1517 Datasheet HTML 4Page - STMicroelectronics AN1517 Datasheet HTML 5Page - STMicroelectronics AN1517 Datasheet HTML 6Page - STMicroelectronics AN1517 Datasheet HTML 7Page - STMicroelectronics AN1517 Datasheet HTML 8Page - STMicroelectronics AN1517 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
DocID8827 Rev 3
5/30
AN1517
Pin functions
30
1
Pin functions
Pin description
Figure 4. Block diagram
Table 1. Pin description
N. Name
Description
1
OUT
Regulator output.
2GND
Ground. Lead connected directly to the frame in order to reduce the junction to ambient
thermal resistance.
3GND
Ground. Lead connected directly to the frame in order to reduce the junction to ambient
thermal resistance.
4 COMP E/A output to be used for frequency compensation.
5FB
Step-down feedback input. Connecting the output voltage directly to this pin results in
an output voltage of 1.235 V. An external resistor divider is required for higher output
voltages (the typical value for the resistor connected between this pin and ground is
4.7 k
).
6GND
Ground. Lead connected directly to the frame in order to reduce the junction to ambient
thermal resistance.
7GND
Ground. Lead connected directly to the frame in order to reduce the junction to ambient
thermal resistance.
8VCC
Unregulated DC input voltage.
VOLTAGES
MONITOR
PEAK TO PEAK
CURRENT LIMIT
THERMAL
SHUTDOWN
E/A
PWM
1.235V
+
-
-
+
OSCILLATOR
D
Ck
Q
FREQUENCY
SHIFTER
TRIMMING
SUPPLY
1.235V
3.5V
DRIVER
VREF
BUFFER
LPDMOS
POWER
FB
GND
COMP
GND
GND
GND
OUT
VCC
AM00028v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com