Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1518 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1518
Description  The L5973D is a step-down monolithic power switching regulator capable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1518 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1518 Datasheet HTML 3Page - STMicroelectronics AN1518 Datasheet HTML 4Page - STMicroelectronics AN1518 Datasheet HTML 5Page - STMicroelectronics AN1518 Datasheet HTML 6Page - STMicroelectronics AN1518 Datasheet HTML 7Page - STMicroelectronics AN1518 Datasheet HTML 8Page - STMicroelectronics AN1518 Datasheet HTML 9Page - STMicroelectronics AN1518 Datasheet HTML 10Page - STMicroelectronics AN1518 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
AN1518
Functional description
7/30
3.3
Oscillator & synchronizer
Figure 6 shows the block diagram of the oscillator circuit.
The Clock Generator provides the switching frequency of the device, which is internally fixed
at 250 kHz. The Frequency Shifter block acts to reduce the switching frequency in case of
strong overcurrent or short circuit. The clock signal is then used in the internal logic circuitry
and is the input of the Ramp Generator and Synchronizer blocks.
The Ramp Generator circuit provides the sawtooth signal, used for PWM control and
internal voltage feed-forward, while the synchronizer circuit generates the synchronization
signal. The device also has a synchronization pin which can work both as Master and Slave.
As Master, it serves to synchronize external devices to the internal switching frequency, and
as Slave to synchronize itself using an external signal up to 500 kHz.
In particular, when connecting together two devices the one with the lower switching
frequency works as a Slave and the other as Master.
To synchronize the device, the SYNC pin must pass from a low level to a level higher than
the synchronization threshold with a duty cycle that can vary from approximately 10% to
90%, depending also on the signal frequency and amplitude.
The frequency of the synchronization signal must be, at a minimum, higher than the internal
switching frequency of the device (250 kHz).
Figure 6.
Oscillator circuit block diagram
3.4
Current protection
The L5973D features two types of current limit protection: pulse-by-pulse and frequency
foldback.
The schematic of the current limitation circuitry for the pulse-by-pulse protection is shown in
Figure 7. The output power PDMOS transistor is split into two parallel PDMOS transistors.
The smallest one includes a resistor in series, RSENSE. The current is sensed through
RSENSE and if it reaches the threshold, the mirror becomes unbalanced and the PDMOS is
switched off until the next falling edge of the internal clock pulse. Due to this reduction of the
ON time, the output voltage decreases. Since the minimum switch ON time (necessary to
avoid false a overcurrent signal) is too short to obtain a sufficiently low duty cycle at 250
kHz, the output current, in strong overcurrent or short circuit conditions, could increase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com