Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1518 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1518
Description  The L5973D is a step-down monolithic power switching regulator capable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1518 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1518 Datasheet HTML 1Page - STMicroelectronics AN1518 Datasheet HTML 2Page - STMicroelectronics AN1518 Datasheet HTML 3Page - STMicroelectronics AN1518 Datasheet HTML 4Page - STMicroelectronics AN1518 Datasheet HTML 5Page - STMicroelectronics AN1518 Datasheet HTML 6Page - STMicroelectronics AN1518 Datasheet HTML 7Page - STMicroelectronics AN1518 Datasheet HTML 8Page - STMicroelectronics AN1518 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AN1518
Pin functions
5/30
1
Pin functions
1.1
Pin description
2
Block diagram
Figure 4.
Block diagram
Table 1.
Pin functions
N.
Name
Description
1
OUT
Regulator output
2
SYNC
Master/slave synchronization. When open, a signal synchronous with the turn-OFF of the
internal power is present. When connected to an external signal at a frequency higher than
the internal one, the device is synchronized by the external signal.
Connecting the SYNC pins of two devices, the one with the higher frequency works as master
and the other one works as slave.
3INH
A logical signal (active high) disables the device. With an IHN higher than 2.2 V the device is
OFF and with an INH lower than 0.8 V, the device is ON.
If INH is not used, the pin must be grounded. When it is open, an internal pull-up disables the
device.
4
COMP
E/A output to be used for frequency compensation
5FB
Step-down feedback input. Connecting the output voltage directly to this pin results in an
output voltage of 1.235 V. An external resistor divider is required for higher output voltages
(the typical value for the resistor connected between this pin and ground is 4.7 k).
6VREF
Reference voltage of 3.3 V. No filter capacitor is needed for stability
7
GND
Ground
8VCC
Unregulated DC input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com