Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1729 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1729
Description  L6565-BASED LOW COST SMPS FOR TV WITH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1729 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1729 Datasheet HTML 2Page - STMicroelectronics AN1729 Datasheet HTML 3Page - STMicroelectronics AN1729 Datasheet HTML 4Page - STMicroelectronics AN1729 Datasheet HTML 5Page - STMicroelectronics AN1729 Datasheet HTML 6Page - STMicroelectronics AN1729 Datasheet HTML 7Page - STMicroelectronics AN1729 Datasheet HTML 8Page - STMicroelectronics AN1729 Datasheet HTML 9Page - STMicroelectronics AN1729 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
AN1729 APPLICATION NOTE
The value of the capacitor C4 has been multiplied by 1.2 to account for its tolerance, the value of the quiescent
current is the minimum from the datasheet of the controller and also the maximum hysteresis of the on/off VCC
thresholds has been considered.
The charge time of the capacitor C4 has to be less then TburstMax-Tdisch-C4-Max. Following the previous consid-
erations and using eq. 2, a minimum Ist-up, of 1.2 mA is needed. As a result, the values of 10kΩ, for the resis-
tance RH3, and 15V, for the zener voltage of the zener diode DZ1, were chosen.
Experimental results
In this section the results of experimental tests on a board manufactured according to the schematic in figure 3
are reported. In table 2 the measured standby consumption at different values of the input voltage are shown:
Table 2. Standby Input Power Measurements
Fig. 6 shows the measured waveforms of the output voltages and of the Voltage at the VCC pin.
Channel 1 is the output of the voltage regulator and its value is constant (~5V). Channel 2 is the input of the
voltage regulator and here we can see that during the idle phase the voltage decreases linearly (the output ca-
pacitor is discharged with a constant current ISTB), during the switching phase (note, it is actually very short) this
output voltage rises up from VOminstb (Ch2Min = 7.48V) to VOMax (Ch2Max = 8.68V).
Figure 6. Standby waveforms: steady state with 10 mA load current
Channel 3 shows the voltage on VCC pin of the controller L6565. As soon as this voltage reaches the UVLO on-
threshold the system starts switching but, as soon as the voltage regulator input voltage reaches a value such
that the small signal bipolar Q3 is turned on, the gate driver of the L6565 is disabled, the switching is stopped
and the VCC voltage decreases until the UVLO off-threshold. At this point the start-up network is on again and
Vin
88Vac
110Vac
220Vac
264Vac
Pin-stand-by
320mW
390mW
682mW
835mW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com