Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1729 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1729
Description  L6565-BASED LOW COST SMPS FOR TV WITH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1729 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1729 Datasheet HTML 1Page - STMicroelectronics AN1729 Datasheet HTML 2Page - STMicroelectronics AN1729 Datasheet HTML 3Page - STMicroelectronics AN1729 Datasheet HTML 4Page - STMicroelectronics AN1729 Datasheet HTML 5Page - STMicroelectronics AN1729 Datasheet HTML 6Page - STMicroelectronics AN1729 Datasheet HTML 7Page - STMicroelectronics AN1729 Datasheet HTML 8Page - STMicroelectronics AN1729 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
AN1729 APPLICATION NOTE
Enhanced Burst-Mode Operation
The start-up circuit plays an important role and it is important to look at its schematic redrawn in fig. 4.
The circuit is basically a current generator including a high-voltage MOS (Q5) that can be disabled through the
switch Q6 driven by the output of the error amplifier of the L6565 (COMP). Note that the inverting input of the
error amplifier (INV) is connected to ground, while the non-inverting one is internally connected to a voltage ref-
erence of 2.5V. When the L6565 is on, the voltage on pin COMP (VCOMP) is high (always > 2.5V) and, when
the controller is off, COMP is floating.
During the start-up phase the high voltage MOS is on and the current that charges the capacitor C4 on the VCC
pin flows through it. As soon as the L6565 is turned on, VCOMP goes high, which turns on Q6 and, consequently,
turns off Q5. Thus, the current flowing in the start up network during normal operation is only that through the
two resistors RH1 and RH2 (4.7M
Ω each), therefore a really low power is dissipated (10 mW @ 220 Vac).
As previously said, the start-up circuit is arranged as a constant current generator, with the advantage of having
a start-up time of the converter independent of the mains voltage. The analytic expression of the current deliv-
ered by the generator is:
(Eq.1)
Vz is the breakdown voltage of the Zener Diode DZ1, VDrop is the voltage drop across D10 and Vth is the con-
duction threshold gate-source voltage of the MOS Q5 (STQ1NC60).
Figure 4. Start up circuit
In the circuit shown in the schematic of figure 3, the L6565 internal E/A is not used in the feedback loop. During
the normal operation of the converter his output (VCOMP) is always at his maximum value of 5.8V. The feedback
loop is closed summing the feedback signal to the current sense signal through a resistor (R9 in the schematic)
between the current sense resistor and the current sense pin of the L6565. This arrangement allows realizing
the enhanced burst-mode operation during standby through the circuit whose schematic is redrawn in figure 5.
If a large current is forced to flow in the resistance R9, the voltage on the current sense pin will exceed the sec-
ond overcurrent protection threshold and this will disable the gate driver. To re-enable the driver, first the IC
must be turned off, that is the VCC voltage must fall below the UVLO threshold.
I
st up
–
V
z
V
Drop
V
th
–
+
RH3
-------------------------------------------
=
Mains
Bulk
Capacitor
RH1
RH2
RH3
C4
L6565
Pin2 Vcomp
Pin8 VCC
Pin1 Inv
Q5
STQ1NC60
Q6
BC547
DZ1
D10
1N4148
R24 100K
R24 22K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com