Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2115 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 3Page - STMicroelectronics AN2115 Datasheet HTML 4Page - STMicroelectronics AN2115 Datasheet HTML 5Page - STMicroelectronics AN2115 Datasheet HTML 6Page - STMicroelectronics AN2115 Datasheet HTML 7Page - STMicroelectronics AN2115 Datasheet HTML 8Page - STMicroelectronics AN2115 Datasheet HTML 9Page - STMicroelectronics AN2115 Datasheet HTML 10Page - STMicroelectronics AN2115 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AN2115
Pin function
Doc ID 11165 Rev 5
7/33
2
Pin function
Table 1.
Pin description
Pin n°
Name
Description
1
RUN
Shutdown input. When connected to a low level voltage (less than 0.5 V) the device stops
working. When high (above 1.3 V) the device is enabled. This pin must not be left floating.
2
COMP
Error amplifier output. A compensation network must be connected to this pin. Usually a 220 pF
capacitor is sufficient to guarantee loop stability (see related section).
3
VFB
Error amplifier inverting input. The output voltage can be adjusted by connecting this pin to an
external resistor divider from 0.6 V up to the input voltage.
4
GND
Ground.
5
LX
Switch output node. This pin is internally connected to the drain of the internal switches.
6
VCC
Input voltage. The start-up input voltage is 2.2 V (typ.) while the operating input voltage ranges
from 2 V to 5.5 V. An internal UVLO circuit generates a 200 mV (typ.) hysteresis.
7
SYNC
Operating mode selector input. When high (above 1.3 V) Low Consumption Mode is selected.
When low (less than 0.5 V), Low Noise Mode is selected. If connected to an appropriate external
synchronization signal (from 1 MHz up to 2 MHz) the internal synchronization circuit is activated
and the device works at the same switching frequency. This pin must not be left floating.
8
PGOOD
Power good comparator output. It is an open drain output. A pull-up resistor should be
connected between PGOOD and Vo (or VCC depending on the requirements). The pin is forced
low when the output voltage is lower than 90% of the regulated output voltage, and goes high
when the output voltage is greater than 90% of the regulated output voltage. The pin can be left
floating if not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com