Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2115 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 6Page - STMicroelectronics AN2115 Datasheet HTML 7Page - STMicroelectronics AN2115 Datasheet HTML 8Page - STMicroelectronics AN2115 Datasheet HTML 9Page - STMicroelectronics AN2115 Datasheet HTML 10Page - STMicroelectronics AN2115 Datasheet HTML 11Page - STMicroelectronics AN2115 Datasheet HTML 12Page - STMicroelectronics AN2115 Datasheet HTML 13Page - STMicroelectronics AN2115 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Operation description
AN2115
10/33
Doc ID 11165 Rev 5
Basically, the device switches with its internal free running frequency of 1.4 MHz. Obviously,
in very light load conditions, the device could skip some cycles in order to keep the output
voltage regulated. In Figure 6 and Figure 7 the LCM and LNM typical waveforms are shown.
Figure 6.
Low consumption mode
Figure 7.
Low noise mode
●
Measurement conditions:
–Vin = 4.2 V
–Vout = 1.5 V
–Iout = 30 mA
–
L = 3.3 µH
–CIN = 10 µF
–COUT = 10 µF
–RC = 20 kΩ
–CC = 330 pF
A comparison between the efficiency in low noise mode and low consumption mode is
shown in Figure 19 of this document.
Red line: inductor current
Blue line: output voltage (AC coupled)
Green line: LX pin
Red line: inductor current
Blue line: output voltage (AC coupled)
Green line: LX pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com