Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2123 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2123
Description  Principles of operation and application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2123 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2123 Datasheet HTML 1Page - STMicroelectronics AN2123 Datasheet HTML 2Page - STMicroelectronics AN2123 Datasheet HTML 3Page - STMicroelectronics AN2123 Datasheet HTML 4Page - STMicroelectronics AN2123 Datasheet HTML 5Page - STMicroelectronics AN2123 Datasheet HTML 6Page - STMicroelectronics AN2123 Datasheet HTML 7Page - STMicroelectronics AN2123 Datasheet HTML 8Page - STMicroelectronics AN2123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AN2123
Input stage
3/15
3 Input stage
The TD351 is compatible with the use of both pulse transformers or optocouplers. The schematics shown
in Figure 4 can be considered as example of use with both solutions.
When using a pulse transformer, a 2.5 V reference point can be built from the 5 V VREF pin with a
resistor bridge. The capacitor between the Vref and the bridge middle point provides decoupling of the
2.5 V reference, and also insures a high level on IN input at power-up, in order to start the TD351 in the
OFF state.
When using an optocoupler, the IN pin can be pulled-up to Vref. The pull up resistor is to be chosen
between 5 k
Ω to 20 kΩ depending on the characteristics of the optocoupler. An optional filtering capacitor
can be added in case of a highly noisy environment, although the TD351 already includes filtering on
input signals and rejects signals smaller than 135 ns (tonmin specification).
Waveforms from the pulse transformer must comply with the tonmin and Vton/Vtoff specifications (see
Figure 5). To turn TD351 output on, the input signal must be lower than 0.8 V for 220 ns minimum.
Conversely, the input signal must be higher that 4.2 V for 220 ns minimum in order to turn off TD351
output. A pulse width of about 500 ns at the threshold levels is recommended. In all cases, input signal at
the IN pin must be between 0 and 5 V.
Figure 4. Application schematic (pulse transformer at left; optocoupler at right)
Figure 5. Typical input signal waveforms with pulse transformer (left) or optocoupler (right)
IN
VREF
4K7
10nF
100pF
TD351
2
1
IN
VREF
TD351
10K
10K
10K
10nF
2
1
Pulse transformer
Optocoupler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com