Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2123 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2123
Description  Principles of operation and application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2123 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2123 Datasheet HTML 1Page - STMicroelectronics AN2123 Datasheet HTML 2Page - STMicroelectronics AN2123 Datasheet HTML 3Page - STMicroelectronics AN2123 Datasheet HTML 4Page - STMicroelectronics AN2123 Datasheet HTML 5Page - STMicroelectronics AN2123 Datasheet HTML 6Page - STMicroelectronics AN2123 Datasheet HTML 7Page - STMicroelectronics AN2123 Datasheet HTML 8Page - STMicroelectronics AN2123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Output stage
AN2123
4/15
4 Output stage
The output stage is able to sink/source about 1.7 A / 1.3 A typical at 25°C with a voltage drop VOL/VOH
of 6 V (see Figure 6). The minimum sink/source currents over the full temperature range (-20°C/+125°C)
are 1 A sink and 0.75 A source. VOL and VOH voltage drops at 0.5 A are guaranteed to 2.5 V and 4 V
maximum respectively, over the temperature range (see Figure 7). This current capability sets the limit of
IGBT driving, and the IGBT gate resistor should not be lower than about 15
Ω.
Figure 6. Typical Output stage current capability at 25°C (VH=16V)
Figure 7. Typical VOL and VOH voltage variation with temperature
OUT source current versus voltage (turn-on)
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
Vout (V)
OUT sink current versus voltage (turn-off)
0.0
0.5
1.0
1.5
2.0
2.5
05
10
15
Vout (V)
Low level output voltage vs. Temperature
0.0
1.0
2.0
3.0
-50
-25
0
25
50
75
100
125
Temp (°C)
Iosink=500mA
Iosink=20mA
High level output voltage vs. Temperature
0.0
1.0
2.0
3.0
4.0
-50
-25
0
25
50
75
100
125
Temp (°C)
Iosource=500mA
Iosource=20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com